Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 160 page
background image
56F8335 Technical Data, Rev. 1
26
Freescale Semiconductor
Preliminary
PHASEB1
(TB1)
(MOSI1)
(GPIOC1)
10
Schmitt
Input
Schmitt
Input/
Output
Schmitt
Input/
Output
Schmitt
Input/
Output
Input
Input
Tri-stated
Input
Phase B1 — Quadrature Decoder 1, PHASEB input for decoder
1.
TB1 — Timer B, Channel 1
SPI 1 Master Out/Slave In — This serial data pin is an output
from a master device and an input to a slave device. The master
device places data on the MOSI line a half-cycle before the clock
edge the slave device uses to latch the data. To activate the SPI
function, set the PHSB_ALT bit in the SIM_GPS register. For
details, see Part 6.5.8.
Port C GPIO — This GPIO pin can be individually programmed
as an input or output pin.
In the 56F8335, the default state after reset is PHASEB1.
In the 56F8135, the default state is not one of the functions
offered and must be reconfigured.
To deactivate the internal pull-up resistor, clear bit 1 in the
GPIOC_PUR register.
INDEX1
(TB2)
(MISO1)
(GPIOC2)
11
Schmitt
Input
Schmitt
Input/
Output
Schmitt
Input/
Output
Schmitt
Input/
Output
Input
Input
Input
Input
Index1 — Quadrature Decoder 1, INDEX input
TB2 — Timer B, Channel 2
SPI 1 Master In/Slave Out — This serial data pin is an input to a
master device and output from a slave device. The MISO line of
a slave device is placed in the high-impedance state if the slave
device is not selected. The slave device places data on the
MISO line a half-cycle before the clock edge the master device
uses to latch the data. To activate the SPI function, set the
INDEX_ALT bit in the SIM_GPS register. See Part 6.5.8 for
details.
Port C GPIO — This GPIO pin can be individually programmed
as an input or output pin.
In the 56F8335, the default state after reset is INDEX1.
In the 56F8135, the default state is not one of the functions
offered and must be reconfigured.
To deactivate the internal pull-up resistor, clear bit 2 in the
GPIOC_PUR register.
Table 2-2 Signal and Package Information for the 128-Pin LQFP
Signal
Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com