Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 160 page
background image
56F8335 Technical Data, Rev. 1
94
Freescale Semiconductor
Preliminary
5.6.19
IRQ Pending 1 Register (IRQP1)
Figure 5-21 IRQ Pending 1 Register (IRQP1)
5.6.19.1
IRQ Pending (PENDING)—Bits 32–17
This register combines with the other five to represent the pending IRQs for interrupt vector numbers 2
through 81.
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
5.6.20
IRQ Pending 2 Register (IRQP2)
Figure 5-22 IRQ Pending 2 Register (IRQP2)
5.6.20.1
IRQ Pending (PENDING)—Bits 48–33
This register combines with the other five to represent the pending IRQs for interrupt vector numbers 2
through 81.
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
5.6.21
IRQ Pending 3 Register (IRQP3)
Figure 5-23 IRQ Pending 3 Register (IRQP3)
5.6.21.1
IRQ Pending (PENDING)—Bits 64–49
This register combines with the other five to represent the pending IRQs for interrupt vector numbers 2
through 81.
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
$Base + $12
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PENDING [32:17]
Write
RESET
11111
1111111
1111
Base + $13
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PENDING [48:33]
Write
RESET
11111
1111111
1111
Base + $14
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PENDING [64:49]
Write
RESET
11111
1111111
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com