Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 160 page
background image
Program Map
56F8335 Technical Data, Rev. 1
Freescale Semiconductor
35
Preliminary
4.2 Program Map
The Program memory map is located in Table 4-4. The operating mode control bits (MA and MB) in the
Operating Mode Register (OMR) control the Program memory map. At reset, these bits are set as indicated
in Table 4-2.
EXT_BOOT = EMI_MODE = 0 and cannot be changed in the 56F8335 or 56F8135.
After reset, the OMR MA bit can be changed and will have an effect on the P-space memory map, as shown
in Table 4-3. Changing the OMR MB bit will have no effect.
Table 4-4 shows the memory map options of the 56F8335/56F8135. The two right columns cannot be
used, since the EMI pins are not provided in the package; therefore, only the Mode 0 column is relevant.
Note: Program RAM is NOT available on the 56F8135 device.
Table 4-2 OMR MB/MA Value at Reset1
1. Information in shaded areas not applicable to 56F8335/56F8135.
OMR MB =
Flash Secured
State2,3
2. This bit is only configured at reset. If the Flash secured state changes, this will not be reflected in MB until the next reset.
3. Changing MB in software will not affect Flash memory security.
OMR MA =
EXTBOOT Pin
Chip Operating Mode
0
0
Mode 0 – Internal Boot; EMI is configured to use 16 address lines; Flash
Memory is secured; external P-space is not allowed; the EOnCE is disabled
0
1
Not valid; cannot boot externally if the Flash is secured and will actually
configure to 00 state
1
0
Mode 0 – Internal Boot; EMI is configured to use 16 address lines
1
1
Mode 1 – External Boot; Flash Memory is not secured; EMI configuration is
determined by the state of the EMI_MODE pin
Table 4-3 Changing OMR MA Value During Normal Operation
OMR MA
Chip Operating Mode
0
Use internal P-space memory map configuration
11
1. Setting this bit can cause unpredictable results and is not recommended, since the EMI is not functional in this package.
Use external P-space memory map configuration – If MB = 0 at reset, changing this bit has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com