Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 105Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 160 page
background image
56F8335 Technical Data, Rev. 1
102
Freescale Semiconductor
Preliminary
6.5.1.3
Software Reset (SW RST)—Bit 4
This bit is always read as 0. Writing 1 to this field will cause the part to reset.
6.5.1.4
Stop Disable (STOP_DISABLE)—Bits 3–2
•
00 = Stop mode will be entered when the 56800E core executes a STOP instruction
•
01 = The 56800E STOP instruction will not cause entry into Stop mode; STOP_DISABLE can be
reprogrammed in the future
•
10 = The 56800E STOP instruction will not cause entry into Stop mode; STOP_DISABLE can then only be
changed by resetting the device
•
11 = Same operation as 10
6.5.1.5
Wait Disable (WAIT_DISABLE)—Bits 1–0
•
00 = Wait mode will be entered when the 56800E core executes a WAIT instruction
•
01 = The 56800E WAIT instruction will not cause entry into Wait mode; WAIT_DISABLE can be
reprogrammed in the future
•
10 = The 56800E WAIT instruction will not cause entry into Wait mode; WAIT_DISABLE can then only
be changed by resetting the device
•
11 = Same operation as 10
6.5.2
SIM Reset Status Register (SIM_RSTSTS)
Bits in this register are set upon any system reset and are initialized only by a Power-On Reset (POR). A
reset (other than POR) will only set bits in the register; bits are not cleared. Only software should clear this
register.
Figure 6-4 SIM Reset Status Register (SIM_RSTSTS)
6.5.2.1
Reserved—Bits 15–6
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.2.2
Software Reset (SWR)—Bit 5
When 1, this bit indicates that the previous reset occurred as a result of a software reset (write to SW RST
bit in the SIM_CONTROL register). This bit will be cleared by any hardware reset or by software. Writing
a 0 to this bit position will set the bit, while writing a 1 to the bit will clear it.
6.5.2.3
COP Reset (COPR)—Bit 4
When 1, the COPR bit indicates the Computer Operating Properly (COP) timer-generated reset has
occurred. This bit will be cleared by a Power-On Reset or by software. Writing a 0 to this bit position will
set the bit, while writing a 1 to the bit will clear it.
Base + $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
SWR
COPR
EXTR
POR
0
0
Write
RESET
0
0
000
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com