Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 123Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 124Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 125Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 126Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 127Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 128Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 129Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 160 page
background image
56F8335 Technical Data, Rev. 1
126
Freescale Semiconductor
Preliminary
1. Theta-JA determined on 2s2p test boards is frequently lower than would be observed in an application. Determined on 2s2p ther-
mal test board.
2. Junction to ambient thermal resistance, Theta-JA (RθJA) was simulated to be equivalent to the JEDEC specification JESD51-2
in a horizontal configuration in natural convection. Theta-JA was also simulated on a thermal test board with two internal planes
(2s2p, where “s” is the number of signal layers and “p” is the number of planes) per JESD51-6 and JESD51-7. The correct name
for Theta-JA for forced convection or with the non-single layer boards is Theta-JMA.
3. Junction to case thermal resistance, Theta-JC (RθJC ), was simulated to be equivalent to the measured values using the cold
plate technique with the cold plate temperature used as the "case" temperature. The basic cold plate measurement technique is
described by MIL-STD 883D, Method 1012.1. This is the correct thermal metric to use to calculate thermal performance when
the package is being used with a heat sink.
4. Thermal Characterization Parameter, Psi-JT (
Ψ
JT ), is the "resistance" from junction to reference point thermocouple on top cen-
ter of case as defined in JESD51-2.
Ψ
JT is a useful value to use to estimate junction temperature in steady-state customer en-
vironments.
5. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature,
ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
6. See Part 12.1 for more details on thermal design considerations.
7. TJ = Junction Temperature
TA = Ambient Temperature
Table 10-2 ElectroStatic Discharge (ESD) Protection
Characteristic
Min
Typ
Max
Unit
ESD for Human Body Model (HBM)
2000
—
—
V
ESD for Machine Model (MM)
200
—
—
V
ESD for Charge Device Model (CDM)
500
—
—
V
Table 10-3 Thermal Characteristics6
Characteristic
Comments
Symbol
Value
Unit
Notes
128-pin LQFP
Junction to ambient
Natural convection
RθJA
50.8
°C/W
2
Junction to ambient (@1m/sec)
RθJMA
46.5
°C/W
2
Junction to ambient
Natural convection
Four layer board (2s2p)
RθJMA
(2s2p)
43.9
°C/W
1,2
Junction to ambient (@1m/sec)
Four layer board (2s2p)
RθJMA
41.7
°C/W
1,2
Junction to case
RθJC
13.9
°C/W
3
Junction to center of case
Ψ
JT
1.2
°C/W
4, 5
I/O pin power dissipation
P I/O
User-determined
W
Power dissipation
P D
P D = (IDD x VDD + P I/O)W
Maximum allowed PD
PDMAX
(TJ - TA) / R
θJA7
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com