Electronic Components Datasheet Search
  English  ▼

X  

ML7012 Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML7012
Description  2400 bps Single Chip Full Duplex Data Modem with Protocol
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7012 Datasheet(HTML) 4 Page - OKI electronic componets

  ML7012 Datasheet HTML 1Page - OKI electronic componets ML7012 Datasheet HTML 2Page - OKI electronic componets ML7012 Datasheet HTML 3Page - OKI electronic componets ML7012 Datasheet HTML 4Page - OKI electronic componets ML7012 Datasheet HTML 5Page - OKI electronic componets ML7012 Datasheet HTML 6Page - OKI electronic componets ML7012 Datasheet HTML 7Page - OKI electronic componets ML7012 Datasheet HTML 8Page - OKI electronic componets ML7012 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
FEDL 7012-04-01
1Semiconductor
ML7012-04
4/22
PIN DESCRIPTIONS
System & Clock
Symbol
I/O
Description
OSCO
I
OSC1
O
Pins to connect crystal, resistors and capacitors for the master clock oscillation. When
supplying the master clock from an external source, use OSC0 and leave OSC1 open.
Master clock frequency = 11.0592 MHz. When
PDN/RST = “0”, OSC1 = “1”.
PDN/RST
I
Power-down and reset control input pin. When
PDN/RST = “0”, this device is in the
power-down state and internal circuits are reset.
“0”: Power-down state, “1”: Normal operation
After power-on, use this pin after setting it to “0” for 1 µs or more to reset internal
circuits. Waiting for 230 ms or more is required until restarting a normal operation after
reset release.
If this pin remains at “0” after power-on, the internal circuits become undefined and
the power-down current may increase. To avoid this, input “1” to this pin and start
oscillation or input the master clock to operate the internal circuits, and then set it to
“0”
V.24 Serial Interface
Symbol
I/O
Description
STD
I
Send data input pin
0: Space, 1: Mark
SRD
O
Receive data output pin
When
PDN/RST = “0”, SRD outputs “1”.
0: Space, 1: Mark
RTS
I
RTS (Request to Send) signal input pin
0: On, 1: Off
CTS
O
CTS (Clear to Send) signal output pin
When
PDN/RST = “0”, CTS outputs “1”.
0: On, 1: Off
DCD
O
DCD (Data Carrier Detect) signal output pin
When
PDN/RST = “0”, DCD outputs “1”.
0: On, 1: Off
DSR
O
DSR (Data Set Ready) signal output pin
When
PDN/RST = “0”, DSR outputs “1”.
0: On, 1: Off
DTR
I
DTR (Data Terminal Ready) signal input pin
0: On, 1: Off
CI
O
CI (Calling Indicator) signal output pin (*2)
When
PDN/RST = “0”, CI outputs “1”.
0: On, 1: Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com