Electronic Components Datasheet Search
  English  ▼

X  

ML7012 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML7012
Description  2400 bps Single Chip Full Duplex Data Modem with Protocol
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7012 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML7012 Datasheet HTML 2Page - OKI electronic componets ML7012 Datasheet HTML 3Page - OKI electronic componets ML7012 Datasheet HTML 4Page - OKI electronic componets ML7012 Datasheet HTML 5Page - OKI electronic componets ML7012 Datasheet HTML 6Page - OKI electronic componets ML7012 Datasheet HTML 7Page - OKI electronic componets ML7012 Datasheet HTML 8Page - OKI electronic componets ML7012 Datasheet HTML 9Page - OKI electronic componets ML7012 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
FEDL 7012-04-01
1Semiconductor
ML7012-04
6/22
Other Interface
Symbol
I/O
Description
Data Transmission Speed between DTE and DCE
Speed 1
Speed 0
Speed
0
0
300 bps
Speed 1
I
0
1
1200 bps
1
0
2400 bps
Speed 0
I
1
1
9600 bps
Test Interface
Symbol
I/O
Description
TST2 to 0
I
Input “0”.
TI8 to 0
I
Input “0”.
TO10 to 0
O
Leave open.
Power Supply
Symbol
I/O
Description
V
DDA
I
Analog V
DD pin
GNDA
I
Analog GND pin
V
DD2 to 1
I
Digital V
DD pin
GND2 to 1
I
Digital GND pin
(*1)
Pre-pause
Dialing
Communicating
Command
RLY1
RLY2
Line Connection
(*2)
RII
150 ms
400 ms
CI
One incoming signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com