Electronic Components Datasheet Search
  English  ▼

X  

ML7012 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML7012
Description  2400 bps Single Chip Full Duplex Data Modem with Protocol
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7012 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML7012 Datasheet HTML 4Page - OKI electronic componets ML7012 Datasheet HTML 5Page - OKI electronic componets ML7012 Datasheet HTML 6Page - OKI electronic componets ML7012 Datasheet HTML 7Page - OKI electronic componets ML7012 Datasheet HTML 8Page - OKI electronic componets ML7012 Datasheet HTML 9Page - OKI electronic componets ML7012 Datasheet HTML 10Page - OKI electronic componets ML7012 Datasheet HTML 11Page - OKI electronic componets ML7012 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
FEDL 7012-04-01
1Semiconductor
ML7012-04
8/22
ELECTRICAL CHARACTERISTICS
DC Characteristics
(V
DD = 2.7 to 3.6 V, Ta = –20 to +70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
I
DO
—
—
35
65
mA
Power Supply Current
I
DDS
Power-down mode *1
—
1
1000
µA
I
IH
V
I = VDD
—0
20
µA
Input Leakage Current
I
IL
V
I = 0 V
—
0
20
µA
High Level Digital Output Voltage
V
0H
I
0H = –0.4 mA
0.8
× V
DD
0.99
× V
DD
—V
Low Level Digital Output Voltage
V
0L
I
0L = 3.2 mA
—
0.1
0.4
V
Input Capacitance
C
IN
——
5
—
pF
*1: In the case where the device is powered down after once activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com