Electronic Components Datasheet Search
  English  ▼

X  

ML7012 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML7012
Description  2400 bps Single Chip Full Duplex Data Modem with Protocol
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7012 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML7012 Datasheet HTML 3Page - OKI electronic componets ML7012 Datasheet HTML 4Page - OKI electronic componets ML7012 Datasheet HTML 5Page - OKI electronic componets ML7012 Datasheet HTML 6Page - OKI electronic componets ML7012 Datasheet HTML 7Page - OKI electronic componets ML7012 Datasheet HTML 8Page - OKI electronic componets ML7012 Datasheet HTML 9Page - OKI electronic componets ML7012 Datasheet HTML 10Page - OKI electronic componets ML7012 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
FEDL 7012-04-01
1Semiconductor
ML7012-04
7/22
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Power Supply Voltage
V
DD
–0.3 to +5.0
V
Analog Input Voltage
V
AIN
–0.3 to V
DD +0.3
V
Digital Input Voltage
V
DIN
–0.3 to V
DD +0.3
V
Power dissipation
P
D
to 500
mW
Output short-circuit current
V
OUT
to 90
mA
Storage Temperature
T
STG
–55 to +150
°C
Recommended Operating Conditions
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply Voltage
V
DD
—
2.7
—
3.6
V
Operating Temperature
T
OP
—
–20
+25
+70
°C
High Level Input Voltage
V
IH
0.7
× V
DD
—V
DD
V
Low Level Input Voltage
V
IL
All digital input pins
excluding OSC0
0
—
0.16
× V
DD
V
Digital Input Rise time
t
ir
—
—
20
ns
Digital Input Fall Time
t
if
All digital input pins
—
—
20
ns
Input Clock Frequency
Deviation
FMCK
11.0592 MHz
–100
—
+100
ppm
Master CLK Duty
DMCK
Input to OSC0
40
50
60
%
Digital Output Load
C
DL
Digital output pin
—
—
50
pF
R1 to R3 Resistance Ratio
(R3/R1)
Rrat1
—
—
1
1.05
—
Rrat2
V
DD ≥ 3 V
—
—
2
—
R4 to R5 Resistance Ratio
(R5/R4)
Rrat3
V
DD ≥ 2.7 V
—
—
1.6
—
SG Bypass Capacitor
C
SG
SG pin
1
—
—
µF
Oscillator Feedback
Resistance
R
OSC
Between OSC0 and
OSC1
800
1000
1200
k
Ω
OSC0 and OSC1 Load
Capacitance
C
01, C02
OSC0 and OSC1 pins
—
15
—
pF
Oscillation
Frequency
—
—
—
11.0592
—
MHz
Frequency
Deviation
—
Including temperature
characteristics
–80
—
+80
ppm
Equivalent
Series
Resistance *1
——
—
—
90
Ω
Crystal
Load
Capacitance *1
——
—
12
—
pF
*1: If the crystal manufacturer’s evaluation is sufficiently verified, the values of equivalent series resistance and
load capacitance may be changeable so long as the frequency deviation is within the range specified above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com