Electronic Components Datasheet Search
  English  ▼

X  

ML7012 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML7012
Description  2400 bps Single Chip Full Duplex Data Modem with Protocol
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7012 Datasheet(HTML) 1 Page - OKI electronic componets

  ML7012 Datasheet HTML 1Page - OKI electronic componets ML7012 Datasheet HTML 2Page - OKI electronic componets ML7012 Datasheet HTML 3Page - OKI electronic componets ML7012 Datasheet HTML 4Page - OKI electronic componets ML7012 Datasheet HTML 5Page - OKI electronic componets ML7012 Datasheet HTML 6Page - OKI electronic componets ML7012 Datasheet HTML 7Page - OKI electronic componets ML7012 Datasheet HTML 8Page - OKI electronic componets ML7012 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FEDL7012-04-01
1Semiconductor
This version: Sep. 2000
ML7012-04
2400 bps Single Chip Full Duplex Data Modem with Protocol
1/22
GENERAL DESCRIPTION
The ML7012-04 is a single chip modem LSI device that enables data communication conforming to ITU-T
recommendations V.22bis, V.22, and V.21. This device is equipped with the error correction protocol function
conforming to MNP Class 4. (The MNP Class 4 can be used for V.22bis or V.22.)
The ML7012-04 consists of high speed DSP, analog front end, and digital logic circuit. In addition, this device
provides local analog loop testing, synchronous/asynchronous switching, dialing, and auto answering functions.
The ML7012-04 has a serial interface as an external interface. When integrated into the system, it is controlled
from a control CPU through a serial interface (e.g. UART). By connecting a level converter, the ML7012-04 can
easily implement a modem that can be controlled through the RS-232C interface.
FEATURES
• Conforming to ITU-T Recommendations V.22 bis, V.22, and V.21: Asynchronous
• Error correction function conforming to MNP Class 4
• Serial interface: V.24 interface
• AT commands (excluding automatic command speed detection)
• Terminal data speed between DTE and DCE: 9600 bps, 2400 bps, 1200 bps, 300 bps
• Character format: 10 bit/character
• DTMF sending function
• Pulse-dial control signal output
• Call progress tone
• Auto answering function
• Built-in electronic HYB circuit (a line transformer can be directly coupled)
• Single +3 V power supply
• Power consumption: Typ. = 35 mA (V
DD = 3.3 V)
• Package: 64-pin plastic QFP (QFP64-P-1414-0.80-BK) (Product name: ML7012-04GA)
* MNP is a registered trademark of Microcom Inc.


Similar Part No. - ML7012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
2400 bps Single Chip Full Duplex Data Modem with Protocol
More results

Similar Description - ML7012

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
300 bps Single Chip FSK MODEM
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
1200 bps Single Chip MSK Modem
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
300 bps Full Duplex FSK Modem - ITU-T V.21
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
Miniature 2400 bps Modem Module
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
Low-Cost, 2400 BPS Surface-Mount Modem
RC2424DP ETC1-RC2424DP Datasheet
2Mb / 36P
RC2424DP/DS 2400 BPS FULL-DUPLEX MODEM DATA PUMP DEVICE SET
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
Smallest World-Wide 2400 BPS Modem
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
2400 bps Single Chip Full Duplex Data Modem with Protocol
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com