Electronic Components Datasheet Search
  English  ▼

X  

ML7012 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML7012
Description  2400 bps Single Chip Full Duplex Data Modem with Protocol
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7012 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML7012 Datasheet HTML 9Page - OKI electronic componets ML7012 Datasheet HTML 10Page - OKI electronic componets ML7012 Datasheet HTML 11Page - OKI electronic componets ML7012 Datasheet HTML 12Page - OKI electronic componets ML7012 Datasheet HTML 13Page - OKI electronic componets ML7012 Datasheet HTML 14Page - OKI electronic componets ML7012 Datasheet HTML 15Page - OKI electronic componets ML7012 Datasheet HTML 16Page - OKI electronic componets ML7012 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
FEDL 7012-04-01
1Semiconductor
ML7012-04
13/22
CMD
Style
Function
Initial Value
Note
&T
AT&Tn
Controls the loop back test mode.
n = 0: None
n = 1: Starts local analog loop back test (ALB)
n = 2, 3: None
n = 4: Responds to the RDL test requirement
n = 5: Does not respond to the RDL test requirement
n = 6: Starts remote digital loop back test (RDL)
n = 7: Starts RDL self-diagnostic test.
n = 8: Starts ALB self-diagnostic test.
—
%E
AT%En
Selects automatic re-training function due to poor incoming
conditions of the receive section.
n = 0: Automatic re-training is invalid.
n = 1: Automatic re-training is valid.
1
\L
AT\Ln
Checks the line type and displays the result.
n = 0: Checks PBX or direct line.
n = 1: Checks pulse or tone line.
—
\N
AT\Nn
Selects data control mode.
n = 0,1: Selects normal mode (without error correction).
n = 2-5: None
n = 6: Selects reliable mode. Disconnects the line when
MNP connection is not available.
n = 7: Selects auto-reliable mode. Connects in normal mode
when MNP connection is not available.
7
\Q
AT\Qn
Selects the flow control between DTE and modem.
n = 0: No flow control
n = 1: None
n = 2: None
n = 3: Bi-directional control by CTS/RTS
3
\V
AT\Vn
Selects extended result code.
n = 0: Displays the normal result code.
n = 1: Displays the result code with the mode of the MNP
connection.
n = 2, 3: None
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com