Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML7041
Description  single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7041 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML7041 Datasheet HTML 17Page - OKI electronic componets ML7041 Datasheet HTML 18Page - OKI electronic componets ML7041 Datasheet HTML 19Page - OKI electronic componets ML7041 Datasheet HTML 20Page - OKI electronic componets ML7041 Datasheet HTML 21Page - OKI electronic componets ML7041 Datasheet HTML 22Page - OKI electronic componets ML7041 Datasheet HTML 23Page - OKI electronic componets ML7041 Datasheet HTML 24Page - OKI electronic componets ML7041 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
FEDL7041-04
OKI Semiconductor
ML7041
21/28
CR2 (PCM CODEC operating mode setting and transmit/receive gain adjustment)
B7
B6
B5
B4
B3
B2
B1
B0
CR2
TX
ON/OFF
TX GAIN2 TX GAIN1 TX GAIN0
RX
ON/OFF
RX GAIN2 RX GAIN1 RX GAIN0
Initial Value
0
0
1
1
0
0
1
1
B7 .................Transmit side PCM signal ON/OFF
0: ON 1: OFF
B6, B5, B4.....Transmit side signal gain adjustment (refer to Table 2)
B3 .................Receive side PCM signal ON/OFF
0: ON 1: OFF
B2, B1, B0.....Receive side signal gain adjustment (refer to Table 2)
Table 2 Transmit/Receive Gain Settings
B6
B5
B4
Transmit Gain
B2
B1
B0
Receive Gain
0
0
0
–6 dB
0
0
0
–12 dB
0
0
1
–4 dB
0
0
1
–9 dB
0
1
0
–2 dB
0
1
0
–6 dB
0
1
1
0 dB
0
1
1
–3 dB
1
0
0
+2 dB
1
0
0
0 dB
1
0
1
+4 dB
1
0
1
+3 dB
1
1
0
+6 dB
1
1
0
+6 dB
1
1
1
+8 dB
1
1
1
+9 dB
The above gain settings table shows the transmit/receive voice signal gain settings and the transmit side
gain settings for DTMF tones and other tones. The DTMF and other tone transmit signals are enabled
by CR4-B6, and the gain setting is referenced to the levels shown below.
DTMF tones (low group):.............................. –16 dBm0
DTMF tones (high group) and other tones: ... –14 dBm0
For example, if the transmit gain set value is set to +8 dB (B6, B5, B4) = (1,1,1), then the following tones
are output at the PCMOUT pin.
DTMF tones (low group):.............................. –8 dBm0
DTMF tones (high group) and other tones: ... –6 dBm0
Gains of the side tone (path to receive side from transmit side) and the receive side tone can be set by
register CR3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com