Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML7041
Description  single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7041 Datasheet(HTML) 1 Page - OKI electronic componets

  ML7041 Datasheet HTML 1Page - OKI electronic componets ML7041 Datasheet HTML 2Page - OKI electronic componets ML7041 Datasheet HTML 3Page - OKI electronic componets ML7041 Datasheet HTML 4Page - OKI electronic componets ML7041 Datasheet HTML 5Page - OKI electronic componets ML7041 Datasheet HTML 6Page - OKI electronic componets ML7041 Datasheet HTML 7Page - OKI electronic componets ML7041 Datasheet HTML 8Page - OKI electronic componets ML7041 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
OKI Semiconductor
FEDL7041-04
Issue Date: Mar. 2, 2006
ML7041
Audio CODEC
1/28
GENERAL DESCRIPTION
The ML7041 is a single-channel full duplex CODEC LSI device which performs mutual transcoding between the
analog voice band signals ranging from 300 to 3400 Hz and the 64 kbps PCM serial data.
Provided with such functions as DTMF Tone generation, transmit/receive data gain control, side-tone path, and
low-dropout regulator, the ML7041 is best suited for telephone terminals in digital wireless systems.
FEATURES
• Single 3 V power supply
VDD: 2.4 to 3.3 V
• Coding format: PCM µ-law/PCM A-law/14-bit linear mode selectable
• PCM interface timing: Long frame synchronous timing/short frame synchronous timing selectable
• Transmit/receive full-duplex operation
• Serial PCM transmission data rate:
64 to 2048 kbps
• Low power consumption
Operating mode:
15 mW typ. (VDD = 3.0 V)
Power-down mode:
3
µW typ. (V
DD = 3.0 V)
• Master clock frequency:
2.048 MHz (compatible with PCM shift clock)
• Analog output stage
100 mW (differential type) amplifier output for driving receiver speaker:
Capable of driving an 8
Ω load.
6.6 mW (single type) amplifier output for driving earphones speaker:
Capable of driving a 32
Ω load.
• Built-in two low-dropout regulators (150 mA × 2)
• Built-in four general purpose drivers (150 mA × 4)
• Transmit/receive mute, transmit/receive programmable gain control
• Built-in side tone path
• Built-in DTMF tone generator
• Transmit slope filter selectable
• I2C bus interface (MCU interface)
• Built-in transmit voice signal detector
• Package: 48-pin plastic TQFP (TQFP48-P-0707-0.50-K) (ML7041 TB)


Similar Part No. - ML7041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7041 ETC2-ML7041 Datasheet
381Kb / 28P
Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
Audio CODEC
More results

Similar Description - ML7041

ManufacturerPart #DatasheetDescription
logo
Agere Systems
5833P AGERE-5833P Datasheet
55Kb / 6P
5833P Diplexer, Full-Duplex, Bidirectional, Single-Fiber, Data and Voice Transceivers
May 2001
logo
Hynix Semiconductor
GM0936TQ HYNIX-GM0936TQ Datasheet
125Kb / 21P
Voice-Band Audio CODEC for CDMA
logo
Asahi Kasei Microsystem...
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
3.3V Single channel PCM CODEC LSI
logo
Winbond
W681360 WINBOND-W681360 Datasheet
520Kb / 34P
3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Asahi Kasei Microsystem...
AK2300 AKM-AK2300 Datasheet
224Kb / 19P
3.3V Single channel PCM CODEC LSI
logo
IK Semicon Co., Ltd
IN74LS14 IKSEMICON-IN74LS14 Datasheet
164Kb / 4P
This device contains six independent gates each of which performs the logic INVERT function
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
Single Outputs Ranging from 3.3VDC to 48VDC
logo
Texas Instruments
54LS30 TI1-54LS30_11 Datasheet
370Kb / 8P
This device contains a single gate which performs the logic NAND function
logo
IXYS Corporation
CPC5750 IXYS-CPC5750 Datasheet
467Kb / 37P
Single-Channel Voice Band CODEC
logo
Nuvoton Technology Corp...
W681360 NUVOTON-W681360 Datasheet
758Kb / 34P
3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com