Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML7041
Description  single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7041 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML7041 Datasheet HTML 4Page - OKI electronic componets ML7041 Datasheet HTML 5Page - OKI electronic componets ML7041 Datasheet HTML 6Page - OKI electronic componets ML7041 Datasheet HTML 7Page - OKI electronic componets ML7041 Datasheet HTML 8Page - OKI electronic componets ML7041 Datasheet HTML 9Page - OKI electronic componets ML7041 Datasheet HTML 10Page - OKI electronic componets ML7041 Datasheet HTML 11Page - OKI electronic componets ML7041 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
FEDL7041-04
OKI Semiconductor
ML7041
8/28
SYNC
8 kHz synchronous signal input for transmit and receive PCM data.
Synchronize this signal with BCLK signal. This signal is used to indicate the MSB of the PCM data stream.
PCMOUT
Transmit PCM data output. The PCM output signal is output from MSB, synchronously with the rising edges of
BCLK and SYNC. Refer to Figure 2. This is a logic output pin so that external pull-up is not required. This pin
outputs logic "L" except during effective PCM data bits, and outputs logic "H" during power-down.
PCMIN
Receive PCM data input.
The PCM input signal is shifted in on the falling edge of BCLK and is input from MSB.
Refer to Figure 2.
Figure 2 PCM Interface Basic Timing Diagram
BCLK
SYNC
MSB
LSB
PCMIN or
PCMOUT
* 14 bits when linear mode is selected
8 kHz (125 µs)
(b) Short frame synchronous interface
8 kHz (125 µs)
BCLK
SYNC
MSB
LSB
PCMIN or
PCMOUT
* 14 bits when linear mode is selected
(a) Long frame synchronous interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com