Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML7041
Description  single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7041 Datasheet(HTML) 5 Page - OKI electronic componets

  ML7041 Datasheet HTML 1Page - OKI electronic componets ML7041 Datasheet HTML 2Page - OKI electronic componets ML7041 Datasheet HTML 3Page - OKI electronic componets ML7041 Datasheet HTML 4Page - OKI electronic componets ML7041 Datasheet HTML 5Page - OKI electronic componets ML7041 Datasheet HTML 6Page - OKI electronic componets ML7041 Datasheet HTML 7Page - OKI electronic componets ML7041 Datasheet HTML 8Page - OKI electronic componets ML7041 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
FEDL7041-04
OKI Semiconductor
ML7041
5/28
PIN AND FUNCTIONAL DESCRIPTIONS
MIC1I, MIC1O, MIC2I, MIC2O, MIC3–, MIC3+, MIC3–
Transmit analog inputs and outputs for transmit gain adjustment. Gains of input levels of the pins can be adjusted
using external resisters.
MIC1I, MIC2I, and MIC3– are connected to the inverting inputs of the internal transmit amplifiers. MIC3+ is
connected to the non-inverting input of the internal transmit amplifier 3. MIC1O, MIC2O, and MIC3O are
connected to the internal transmit amplifier outputs. Analog input signals are controlled by the control register
(CR1-B7, B6). Also, the amplifiers that are not being selected are deactivated and their outputs are put into high
impedance state.
Refer to Figure 1 for gain adjustment.
EAR1O, EAR2O, EXTO, EXTI, SPO–, SPO+
Receive analog outputs and inputs for receive gain adjustment. EAR1O, EAR2O, and EXTO are the receive filter
outputs. EAR1O and EAR2O can directly drive a 32
Ω load.
SPO+ and SPO– are differential analog signal outputs which can directly drive an 8
Ω load. The receive side
signal outputs can be selected by CR1-B5 and CR1-B4. If the amplifiers connected to EAR1O and EAR2O are not
being selected, the amplifiers are deactivated and their outputs are put into high impedance state. Gains of output
levels of the pins can be adjusted using the external resistors. The power control is accomplished by CR0-B6.
Refer to Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com