Electronic Components Datasheet Search
  English  ▼

X  

ML7041 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML7041
Description  single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7041 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML7041 Datasheet HTML 8Page - OKI electronic componets ML7041 Datasheet HTML 9Page - OKI electronic componets ML7041 Datasheet HTML 10Page - OKI electronic componets ML7041 Datasheet HTML 11Page - OKI electronic componets ML7041 Datasheet HTML 12Page - OKI electronic componets ML7041 Datasheet HTML 13Page - OKI electronic componets ML7041 Datasheet HTML 14Page - OKI electronic componets ML7041 Datasheet HTML 15Page - OKI electronic componets ML7041 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
FEDL7041-04
OKI Semiconductor
ML7041
12/28
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 2.4 to 3.3 V, Ta = –40 to +85
°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
IDD1
Operating mode
No signal (VDD = 3.0 V)
0
5.0
11.0
mA
IDD2
Operating mode
No signal (VDD = 3.0 V)
SPO+, SPO– or EAR1, 2 is active
0
16.0
32.0
mA
Power Supply Current
IDD3
Power down mode
(VDD = 3.0 V, Ta = 25
°C)
0
1.0
10
µA
IIH
VI = VDD
—
—
2.0
µA
Input Leakage Current
IIL
VI = 0 V
—
—
1.5
µA
Output High Voltage
VOH
IOH = 0.4 mA
0.5
× VDD
—
VDD
V
Output Low Voltage
VOL
IOL = –1.2 mA
0
0.2
0.4
V
Input Capacitance
CIN
—
—
5
—
pF
Analog Interface Characteristics
(VDD = 2.4 to 3.3 V, Ta = –40 to +85
°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input Resistance
RINX
MIC1I, MIC2I, MIC3–, MIC3+
10
—
—
M
Ω
RLGX1
MIC1O, MIC2O, MIC3O, EXTO
20
—
—
k
Ω
RLGX2
EAR1O, EAR2O
32
—
—
Ω
Output Load Resistance
RLGX3
SPO+, SPO– differential output
8
—
—
Ω
Output Load Capacitance
CLGX
Analog output
—
—
50
pF
MIC1O, MIC2O, MIC3O,
EXTO, RL = 20 k
Ω
VO1
EAR1O, EAR2O, RL = 32
Ω
—
—
1.3
VPP
VO2
SPO+, SPO–, (Differential output)
VDD = 3.0 V, RL = 8
Ω
—
—
2.6
VPP
Output Amplitude *
VO3
SPO– (Single output)
VDD = 3.0 V, RL = 20 k
Ω , THD = 1%
2.0
2.6
—
VPP
Total Harmonic Distortion
THD
EAR1O, EAR2O, SPO+, SPO–
VDD = 3.0 V (at VO1, VO2)
—
—
5.0
%
VOFGX1
MIC1O, MIC2O, MIC3O
–40
—
40
mV
Offset Voltage
VOFGX2
EAR1O, EAR2O, SPO+, SPO–,
EXTO
–100
—
100
mV
SG Output Voltage
VSG
SG
—
1.4
—
V
SG Output Impedance
RSG
SG
—
40
80
k
Ω
Internal switch ON
Impedance
RSW
All internal analog switches
(1.4 V DC bias)
—
—
300
Ω
* –7.7 dBm (600
Ω) = 0 dBm0, +3.17 dBm0 = 1.3 VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com