Electronic Components Datasheet Search
  English  ▼

X  

ML9059 Datasheet(PDF) 41 Page - OKI electronic componets

Part # ML9059
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9059 Datasheet(HTML) 41 Page - OKI electronic componets

Back Button ML9059 Datasheet HTML 37Page - OKI electronic componets ML9059 Datasheet HTML 38Page - OKI electronic componets ML9059 Datasheet HTML 39Page - OKI electronic componets ML9059 Datasheet HTML 40Page - OKI electronic componets ML9059 Datasheet HTML 41Page - OKI electronic componets ML9059 Datasheet HTML 42Page - OKI electronic componets ML9059 Datasheet HTML 43Page - OKI electronic componets ML9059 Datasheet HTML 44Page - OKI electronic componets ML9059 Datasheet HTML 45Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
PEDL9059-02
OKI Semiconductor
ML9059
41/72
DBn
No
Operation
7 6 5 4 3 2 1 0
A0
RD
WR
Comment
Electronic
Potentiometer
mode set
1 0 0 0 0 0 0 1
0
1
0
18
Electronic
potentiometer
Electronic
potentiometer
register set
* * Electronic
potentiometer value
0
1
0
Sets a 6-bit data in the
electronic potentiometer
register to adjust the V1
output voltage.
(2-byte command)
OFF
1 0 1 0 1 1 0 0
0
1
0
OFF when DB0 = 0
Static indicator
ON
1 0 1 0 1 1 0 1
0
1
0
19
Static indicator register set
* * * * * * State
0
1
0
ON when DB0 = 1
Sets the blinking state.
(2-byte command)
1 1 0 1 0 * * *
0
1
0
Frame reversal when
DB3 = 0.
LCD drive method set
1 1 0 1 1 * * *
0
1
0
20
1)
Line reversal number set
* * * Number of lines
0
1
0
Line reversal when DB3 = 1
Sets the number (2-byte
command) of line reversal.
21
Power save
Compound command of
Display OFF and Display
all-on.
22
NOP
1 1 1 0 0 0 1 1
0
1
0
The “No Operation”
command.
23
Test
1 1 1 1 * * * *
0
1
0
The command for factory
testing of the IC chip.
*: Invalid data (input: Don’t care, output: Unknown)
Note 1: When the line reversal drive is set, the ML9059 is not used in a multiple chip configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com