Electronic Components Datasheet Search
  English  ▼

X  

ML9059 Datasheet(PDF) 51 Page - OKI electronic componets

Part # ML9059
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9059 Datasheet(HTML) 51 Page - OKI electronic componets

Back Button ML9059 Datasheet HTML 47Page - OKI electronic componets ML9059 Datasheet HTML 48Page - OKI electronic componets ML9059 Datasheet HTML 49Page - OKI electronic componets ML9059 Datasheet HTML 50Page - OKI electronic componets ML9059 Datasheet HTML 51Page - OKI electronic componets ML9059 Datasheet HTML 52Page - OKI electronic componets ML9059 Datasheet HTML 53Page - OKI electronic componets ML9059 Datasheet HTML 54Page - OKI electronic componets ML9059 Datasheet HTML 55Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
PEDL9059-02
OKI Semiconductor
ML9059
51/72
Power Save (Compound command)
The LSI goes into the power save state when the Display all-on ON command is issued when the LSI is in the
display OFF state, and it is possible to greatly reduce the current consumption in this state. The power save state is
of two types, namely, the sleep state and the standby state, and the LSI goes into the standby state when the static
indicator has been made ON.
The display data and the operating mode just before entering the power save mode are retained in both the sleep
state and the standby state, and also the MPU can access the display data RAM and other registers in these states.
The power save mode is released by issuing the Display all-on OFF command. (See the following figure.)
Static indicator OFF
Power save command issue (compound command)
Sleep state
Power save OFF command
(Display all-on OFF command)
Sleep state released
Static indicator ON
Standby state
Power save OFF command
(Display all-on OFF command)
Standby state released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com