Electronic Components Datasheet Search
  English  ▼

X  

ML9059 Datasheet(PDF) 49 Page - OKI electronic componets

Part # ML9059
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9059 Datasheet(HTML) 49 Page - OKI electronic componets

Back Button ML9059 Datasheet HTML 45Page - OKI electronic componets ML9059 Datasheet HTML 46Page - OKI electronic componets ML9059 Datasheet HTML 47Page - OKI electronic componets ML9059 Datasheet HTML 48Page - OKI electronic componets ML9059 Datasheet HTML 49Page - OKI electronic componets ML9059 Datasheet HTML 50Page - OKI electronic componets ML9059 Datasheet HTML 51Page - OKI electronic componets ML9059 Datasheet HTML 52Page - OKI electronic componets ML9059 Datasheet HTML 53Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
PEDL9059-02
OKI Semiconductor
ML9059
49/72
• Static indicator ON/OFF (Write)
When the Static indicator ON command is issued, the Static indicator register set command becomes effective.
Once the Static indicator ON command is issued, it is not possible to issue any command other than the Static
indicator register set command. This condition is released only after some data is written into the register using the
static indicator register set command.
Static indicator
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
OFF
0
1
0
1
0
1
1
0
0
ON
0
1
0
1
0
1
1
0
1
• Static indicator register set (Write)
This command is used to set data in the 2-bit static indicator register thereby setting the blinking state of the static
indicator.
Indicator
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
OFF
0
*
*
*
*
*
*
0
0
ON(Blinking at about 1sec intervals)
0
*
*
*
*
*
*
0
1
ON(Blinking at about 0.5sec intervals)
0
*
*
*
*
*
*
1
0
ON(Continuously ON)
0
*
*
*
*
*
*
1
1
*: Invalid data
Sequence of setting the static indicator register:
Static indicator ON
Static indicator register set
The static indicator mode is released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com