Electronic Components Datasheet Search
  English  ▼

X  

AN8032 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN8032
Description  Active filter control IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8032 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN8032 Datasheet HTML 1Page - Panasonic Semiconductor AN8032 Datasheet HTML 2Page - Panasonic Semiconductor AN8032 Datasheet HTML 3Page - Panasonic Semiconductor AN8032 Datasheet HTML 4Page - Panasonic Semiconductor AN8032 Datasheet HTML 5Page - Panasonic Semiconductor AN8032 Datasheet HTML 6Page - Panasonic Semiconductor AN8032 Datasheet HTML 7Page - Panasonic Semiconductor AN8032 Datasheet HTML 8Page - Panasonic Semiconductor AN8032 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
AN8032
Voltage Regulators
s Terminal Equivalent Circuits
Pin No.
Equivalent circuit
Description
I/O
1
CS:
I
The input terminal of comparator which detects
the current value flowing in power MOSFET.
The output level of multiplier and the current value
of power MOSFET input from the CS terminal are
compared. If the later becomes larger than the
former, the VOUT is set to low level and
the power MOSFET ouput is cut.
2
MPI:
I
The input terminal of multiplier
The voltage after a full-wave rectified AC input
voltage are monitored.
3
EO:
O
The output terminal of error amplifier / the input
terminal of multiplier.
The error amplifier monitors the output voltage
of active filter and amplifies its error portion and
outputs to the multiplier. Therefore, this terminal
serves as another input terminal of the multiplier.
4
EI:
I
The inverted input terminal of error amplifier
the overvoltage protection input terminal.
To the noninverted input terminal, the internal
reference voltage of IC (2.5 V typ.) is input.
5
OVP:
I
Overvoltage detection pin
It is an input terminal with over-voltage detection
function which can detect the overvoltage of the
output voltage to shut off the power MOSFET.
Approx. 7.1 V
1
To high-speed
converter
Approx. 7.1 V
2
Approx. 7.1 V Approx. 7.1 V
3
Error amplifier
output
Multiplier
input
Approx. 7.1 V
Approx. 7.1 V
4
Error amplifier
input
Approx. 7.1 V
Approx. 7.1 V
5
Overvoltage
protection input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com