Electronic Components Datasheet Search
  English  ▼

X  

AN8032 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN8032
Description  Active filter control IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8032 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN8032 Datasheet HTML 3Page - Panasonic Semiconductor AN8032 Datasheet HTML 4Page - Panasonic Semiconductor AN8032 Datasheet HTML 5Page - Panasonic Semiconductor AN8032 Datasheet HTML 6Page - Panasonic Semiconductor AN8032 Datasheet HTML 7Page - Panasonic Semiconductor AN8032 Datasheet HTML 8Page - Panasonic Semiconductor AN8032 Datasheet HTML 9Page - Panasonic Semiconductor AN8032 Datasheet HTML 10Page - Panasonic Semiconductor AN8032 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
Voltage Regulators
AN8032
s Application Notes (continued)
[2] Operation descriptions (continued)
1. Normal control (continued)
2) Control outline description (Refer to figure 2 and figure 3.)
(1) Input voltage (EIN) detection
The voltage which is divided from the input voltage of chopper circuit (EIN) by using the external
resistor is input to the multiplier input terminal of the AN8032 (MPI terminal).
(2) Output voltage (EOUT) detection
The voltage which is divided from the output voltage of chopper circuit (EOUT) by using the external
resistor is amplified by the error amplifier of the AN8032 (Input to noninverting input terminal (EI
terminal)) and input to another multiplier input (EO terminal, which also functions as output for error
amplifier).
(3) Multiplication of input voltage and output voltage
The signals input to the multiplier are multiplied and outputted from the multiplier. This output is a
signal which monitors both the input voltage and output voltage of the chopper circuit.
Figure 2. Explanation of normal control operation
MPI
input voltage
EI
input voltage
Multiplier output
(MPO) voltage
Transformer reset
voltage detection (VB)
0 V
0 V
Approx. 2.5 V typ.
0 V
Time
Time
Time
Time
0 V
Enlarged
0 V
Time
Power MOS turned off
VB lower limit voltage (regulated inside IC)
Power MOS turned on
= bias coil voltage
generated
Reset operation of transformer
= bias coil
voltage inversion
VB lower limit voltage (regulated inside IC)
Multiplier output (MPO) voltage
Power MOSFET current detection
(CS) voltage
Power MOS turned off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com