Electronic Components Datasheet Search
  English  ▼

X  

AN8032 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # AN8032
Description  Active filter control IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8032 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button AN8032 Datasheet HTML 9Page - Panasonic Semiconductor AN8032 Datasheet HTML 10Page - Panasonic Semiconductor AN8032 Datasheet HTML 11Page - Panasonic Semiconductor AN8032 Datasheet HTML 12Page - Panasonic Semiconductor AN8032 Datasheet HTML 13Page - Panasonic Semiconductor AN8032 Datasheet HTML 14Page - Panasonic Semiconductor AN8032 Datasheet HTML 15Page - Panasonic Semiconductor AN8032 Datasheet HTML 16Page - Panasonic Semiconductor AN8032 Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
Voltage Regulators
AN8032
s Application Notes (continued)
[2] Operation descriptions (continued)
1. Normal control (continued)
3) Description of each function (continued)
(6) VCC
The supply voltage terminal other than the
output. The U.V.L.O. depends on this VCC voltage.
(The characteristics of U.V.L.O. are shown in the
right figure.)
<Notes on the methods of providing VCC>
• The method to give bias from sub-coil
There is only 2 V typical difference between the
start voltage 10 V typical and the stop voltage 8 V
typical. Be careful that the value for C1 shown in the
right figure must be set at a large value, otherwise,
the IC does not easily start.
• Giving bias from power supply
In the case such as of fluorescent lamp inverter
circuit, separate power supply is provided so as to
give the bias from the separate power supply.
<VCC interference>
For the AN8032, the following method is used to
suppress the interference between the two power
supply lines : The supply voltage supply line of the
power system and that for the signal line are sepa-
rately provided in the IC chip and they are put to-
gether when wired to the pin of the package. Thus
the interference between 2 power supply lines is sup-
pressed.
The same method is also used for the GND line.
However, the above method can not prevent all the
malfunctions due to noise. Therefore, in regard to
the current pass in which the drive current of the
power MOSFET flows, the pattern wiring should be
provided as short as possible, in the same way as
conventional practice to suppress the invasion of
noise of the drive system.
(Stop voltage) (Start voltage)
ICC
VCC
V
08
10
IC operation
U.V.L.O.
characteristics
To fluorescent lamp
inverter circuit block
VCC
GND
C1
AN8032
VOUT
Start resistance
R1
VCC
GND
C1
AN8032
R2
PVCC
VOUT
GND
R1
Totem pole type output circuit
Drive current
at turning on
Drive current
at turning off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com