Electronic Components Datasheet Search
  English  ▼

X  

AN8032 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN8032
Description  Active filter control IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8032 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN8032 Datasheet HTML 1Page - Panasonic Semiconductor AN8032 Datasheet HTML 2Page - Panasonic Semiconductor AN8032 Datasheet HTML 3Page - Panasonic Semiconductor AN8032 Datasheet HTML 4Page - Panasonic Semiconductor AN8032 Datasheet HTML 5Page - Panasonic Semiconductor AN8032 Datasheet HTML 6Page - Panasonic Semiconductor AN8032 Datasheet HTML 7Page - Panasonic Semiconductor AN8032 Datasheet HTML 8Page - Panasonic Semiconductor AN8032 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
AN8032
Voltage Regulators
Parameter
Symbol
Range
Unit
Supply voltage
VCC
0 to 34
V
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
35
V
CS allowable application voltage
VCS
− 0.5 to +7V
MPI allowable application voltage
VMPI
− 0.5 to +7V
EI allowable application voltage
VEI
− 0.5 to +7V
Output allowable current
IO
±150
mA
Peak output current
IOP
±1A
VB allowable flow-in current
IBI
+5mA
VB allowable flow-out current
IBO
−5mA
Power dissipation
PD
874
mW
Operating ambient temperature *
Topr
−30 to +85
°C
Storage temperature *
Tstg
−55 to +150
°C
s Recommended Operating Range
s Electrical Characteristics at T
a = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Error detection feedback
VEITH1
2.35
2.50
2.65
V
threshold voltage 1
Error detection low-level output voltage
VEOL
IEO = 0 mA, VEI = 5 V
1.0
1.6
V
Error detection high-level output voltage
VEOH
IEI = 0 mA, VEI = 0 V
5.0
5.7
V
Error detection input bias current
IEI
VEI = 0 V
− 0.3 −1.0
µA
Error detection output supply current
IEO
VEI = 0 V, VEO = 1 V
0.25
0.50
0.75
mA
s Pin Descriptions
Pin No.
Symbol
Description
1
CS
Comparator input pin
2
MPI
Multiplier input pin
3
EO
Error amplifier output pin / multiplier input pin
4
EI
Error amplifier inverted-input pin
5
OVP
Overvoltage detection pin
6VB
Transformer-reset detection pin
7
GND
Grounding pin
8VOUT
Output pin
9VCC
Power supply-voltage pin
Note) *: Expect for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com