Electronic Components Datasheet Search
  English  ▼

X  

AN8032 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN8032
Description  Active filter control IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8032 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN8032 Datasheet HTML 1Page - Panasonic Semiconductor AN8032 Datasheet HTML 2Page - Panasonic Semiconductor AN8032 Datasheet HTML 3Page - Panasonic Semiconductor AN8032 Datasheet HTML 4Page - Panasonic Semiconductor AN8032 Datasheet HTML 5Page - Panasonic Semiconductor AN8032 Datasheet HTML 6Page - Panasonic Semiconductor AN8032 Datasheet HTML 7Page - Panasonic Semiconductor AN8032 Datasheet HTML 8Page - Panasonic Semiconductor AN8032 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
Voltage Regulators
AN8032
s Terminal Equivalent Circuits (continued)
Pin No.
Equivalent circuit
Description
I/O
6VB:I
The terminal is connected via the transformer's
sub-coil and resistor. The reset of transformer is
detected and the trigger signal to turn on the power
MOSFET is sent.
Since the coil signal of transformer is input as
current, the IC incorporates the circuit which
clamps the upper/lower limit voltage to prevent
malfunction.
7
GND:
Grounding terminal
This terminal is used in common for grounding the
control system and the power system.
8VOUT:O
The output terminal.
It is capable of driving the gate of power MOSFET
directly.
9
VCC:
The supply voltage terminal.
The supply voltage terminal for the power system
and that for the signal system are put together as
one terminal with internal connection in order to
greatly decrease the common impedance.
This double-functioning terminal monitors the
supply voltage, and has start/stop operation thresh-
old.
Approx. 7.1 V
Approx. 7.1 V
6
Lower limit
voltage clamp
Upper limit
voltage clamp
VB
Comparator
input
PVCC
7
Power system ground
Signal system ground
9
8
VB
Upper limit
voltage clamp
Power
MOSFET
drive block
9
Inside bias
(Appox. 7.1 V)
U.V.L.O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com