Electronic Components Datasheet Search
  English  ▼

X  

AN8032 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AN8032
Description  Active filter control IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8032 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AN8032 Datasheet HTML 5Page - Panasonic Semiconductor AN8032 Datasheet HTML 6Page - Panasonic Semiconductor AN8032 Datasheet HTML 7Page - Panasonic Semiconductor AN8032 Datasheet HTML 8Page - Panasonic Semiconductor AN8032 Datasheet HTML 9Page - Panasonic Semiconductor AN8032 Datasheet HTML 10Page - Panasonic Semiconductor AN8032 Datasheet HTML 11Page - Panasonic Semiconductor AN8032 Datasheet HTML 12Page - Panasonic Semiconductor AN8032 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
Voltage Regulators
AN8032
s Application Notes (continued)
[2] Operation descriptions (continued)
1. Normal control (continued)
2) Control outline description (Refer to figure 2 and figure 3.) (continued)
(8) Switching device turn-on
By resonance, the turn-on signal is sent to the switching device, timed with the sub-coil voltage when
it swings from high to low.
(9) Continuation of operation
When the switching device is turned on, current flows in the inductor so that the above operation is
repeated.
<Summary>
• When the excitation energy of inductor is lost and the free resonance is started, the switching device turns on.
• The switching device will turn off when the following two elements cross each other: The product of the input
voltage (EIN) and output one (EOUT) of the chopper circuit, and the switching device current.
• The fluctuation of input voltage and load current is controlled by changing the peak value height of switching
device current.
• The purposes of mixing two signals by using the multiplier are:
 to stabilize the control system
 to reduce the number of components required
3) Description of each function
(1) VB
• Function
It detects the discharge of the excitation energy of the inductor (reset operation) and turns on the power
MOSFET at the next cycle.
• Method
When the inductor is reset, the sub-coil provided on the inductor (bias winding) starts free resonance.
It is difficult from the view point of withstanding voltage to input this voltage directly to the IC. For this
reason, it is input to the VB terminal through resistor.
• Function of upper limit voltage clamper
It prevents the damage when the VB terminal voltage exceeds the withstanding voltage.
Function of lower limit voltage clamper
It prevents the malfunction when the VB terminal voltage swings to negative voltage: generally, in the
case of monolithic IC, malfunction (such as latch-up) occurs when the terminal voltage decreases to a value
below -VBE and the parasitic device is activated.
• IC inside
The VB terminal voltage is input to the comparator with hysteresis inside the IC. For this reason, if the
VB terminal voltage is under the threshold value, the power MOSFET is turned on.
However, if the off signal has been given to the power MOSFET by the overvoltage protection func-
tion, this function precedes the former.
Figure 4. VB terminal description
0 V
Power MOSFET
VB terminal input voltage
VBTH
(1.5 V typ.)
OFF
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com