Electronic Components Datasheet Search
  English  ▼

X  

G9SP Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G9SP
Description  Easy programming for complex safety control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SP Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G9SP Datasheet HTML 3Page - Omron Electronics LLC G9SP Datasheet HTML 4Page - Omron Electronics LLC G9SP Datasheet HTML 5Page - Omron Electronics LLC G9SP Datasheet HTML 6Page - Omron Electronics LLC G9SP Datasheet HTML 7Page - Omron Electronics LLC G9SP Datasheet HTML 8Page - Omron Electronics LLC G9SP Datasheet HTML 9Page - Omron Electronics LLC G9SP Datasheet HTML 10Page - Omron Electronics LLC G9SP Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
G9SP
7
Option Unit
RS-232C Option Board (CP1W-CIF01)
Communication Specifications
Ethernet Option Board (CP1W-CIF41 unit ver. 2.0 or later)
Ethernet Communication Specifications
Item
Specifications
Connection method
D-SUB 9P (female)
Maximum transmission distance
With a baud rate of 9,600 bps: 15m
With a baud rate of 115,200 bps: 3m
Communication protocol
No-protocol
Maximum data length
Refer to the Operation Manual for details.
Communication settings
Baud rate 9,600 or 115,200 bps (unit version 2.0 or later)
Item
Specifications
Name
CP Series Ethernet Option Board
Model
CP1W-CIF41
Type
100 BASE-TX (applicable as a 10 BASE-T)
Transmission
specifications
Media access method CSMA/CD
Modulation method
Baseband
Transmission path
type
Star form
Baud rate
100 Mbps (100 BASE-TX)
10 Mbps (10 BASE-T)
Internal transmission speed between G9SP and Ethernet Option Board is of 115.2 kbps.
Transmission media
Unshielded twisted-pair (UDP) cable
Categories: 5, 5e
Shielded twisted-pair (STP) cable
Categories: 100
Ω at 5, 5e
Unshielded twisted-pair (UDP) cable
Categories: 3, 4, 5, 5e
Shielded twisted-pair (STP) cable
Categories: 100
Ω at 3, 4, 5, 5e
Transmission distance 100 m (distance between hub and node)
Number of cascade-
connectable units
No limit when a switching hub is used.
Weight
23 g max.
Dimensions
36.4 (W) x 36.4 (H) x 28.2 (D) mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com