Electronic Components Datasheet Search
  English  ▼

X  

G9SP Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G9SP
Description  Easy programming for complex safety control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SP Datasheet(HTML) 2 Page - Omron Electronics LLC

  G9SP Datasheet HTML 1Page - Omron Electronics LLC G9SP Datasheet HTML 2Page - Omron Electronics LLC G9SP Datasheet HTML 3Page - Omron Electronics LLC G9SP Datasheet HTML 4Page - Omron Electronics LLC G9SP Datasheet HTML 5Page - Omron Electronics LLC G9SP Datasheet HTML 6Page - Omron Electronics LLC G9SP Datasheet HTML 7Page - Omron Electronics LLC G9SP Datasheet HTML 8Page - Omron Electronics LLC G9SP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
G9SP
2
Ordering Information
G9SP Series
Expansion I/O Unit (for standard machine control)
Note: CP1W-CN811 I/O Connecting Cable is available.
Refer to the Datasheet of CP1H Programmable Controller (Cat. No. P080-E1) for details.
I/O Connecting Cable
Note: An I/O Connecting Cable (approx. 6 cm) for alongside setting is included in the Expansion I/O Unit package.
Option Unit
Note: Refer to the Datasheet of CP1H Programmable Controller (Cat. No. P080-E1) for details.
Configurator
Note: Administrator rights are required for installation.
Version Information
The combinations that can be used of the unit versions of the G9SP series and the version of Configurator.
Name
Number of I/O
Unit
version
Model
Safety inputs
Test outputs
Safety outputs
Standard outputs
Safety Controller
10
4
Solid-state outputs: 4
4
Ver.2.0
G9SP-N10S
10
6
Solid-state outputs: 16
-
G9SP-N10D
20
6
Solid-state outputs: 8
-
G9SP-N20S
Name
Type
Number of I/O
Model
Inputs
Outputs
Expansion
I/O Unit
Sinking type
12
Solid-state outputs: 8
CP1W-20EDT
Sourcing type
CP1W-20EDT1
Sinking type
-
Solid-state outputs: 32
CP1W-32ET
Sourcing type
CP1W-32ET1
Name
Specifications
Model
I/O Connecting
Cable
80 cm
(for the distantly-positioned units connection)
CP1W-CN811
Name
Model
RS-232C Option Board
CP1W-CIF01
Ethernet Option Board (Unit Ver. 2.0 or later)
CP1W-CIF41
Memory Cassette
CP1W-ME05M
Name
Media
Applicable OS
Model
G9SP
Configurator
Setup Disk (CD-ROM: 1 license)
Windows XP Service Pack 3 (32-bit edition)
Windows Vista Service Pack 2 (32-bit edition,
64-bit edition)
Windows 7 (32-bit edition, 64-bit edition)
Windows 8 (32-bit edition, 64-bit edition)
Windows 8.1 (32-bit edition, 64-bit edition)
Windows 10 (32-bit edition, 64-bit edition)
WS02-G9SP01-V2
Setup Disk (CD-ROM: 10 licenses)
WS02-G9SP10-V2
Setup Disk (CD-ROM: 50 licenses)
WS02-G9SP50-V2
Setup Disk (CD-ROM: Site license)
WS02-G9SPXX-V2
G9SP series
G9SP Configurator
Unit version Ver.1.
@
Ver.1.
@@
Ver.2.
@@
Unit version Ver.2.0
---
Ver.2.
@@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com