Electronic Components Datasheet Search
  English  ▼

X  

G9SP Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # G9SP
Description  Easy programming for complex safety control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SP Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button G9SP Datasheet HTML 8Page - Omron Electronics LLC G9SP Datasheet HTML 9Page - Omron Electronics LLC G9SP Datasheet HTML 10Page - Omron Electronics LLC G9SP Datasheet HTML 11Page - Omron Electronics LLC G9SP Datasheet HTML 12Page - Omron Electronics LLC G9SP Datasheet HTML 13Page - Omron Electronics LLC G9SP Datasheet HTML 14Page - Omron Electronics LLC G9SP Datasheet HTML 15Page - Omron Electronics LLC G9SP Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
G9SP
12
Application Examples
Note: The above PL is only the evaluation result of the example. The PL must be evaluated in an actual application by the customer after confirming
the usage conditions.
● Application Overview 1
• The power supply to the motor M is turned OFF immediately when the emergency stop switch S1 is pressed.
• The power supply to the motor M is kept OFF until the emergency stop switch S1 is released and the reset switch S2 is pressed.
Highest achievable PL/
safety category
Model
Stop category
Reset
PLe/4 equivalent
Emergency Stop Switch A165E/A22E
Safety Controller G9SP
0
Manual
11
12
21
22
S1
S2
24 VDC
24 VDC
KM1
KM2
Si2
Si3
V1
Si0
Si1
V2
So0
T0
T1
T2
T3
G2
KM1
KM2
G1
So1
M
KM1
KM2
S1:
Emergency stop switch
S2:
Reset switch
KM1, KM2:
Magnetic contactors
M:
Motor
Note: Refer to page 21 for the terminal arrangement.
Timing Chart
E-STOP pushed
More than
350 ms
More than
350 ms
More than
350 ms
Discrepancy error
EDM error released
Discrepancy
error released
TEDM
TEDM
TEDM
TEDM
TEDM
TEDM
Emergency stop switch S1
11-12
Reset switch S2
KM1
KM2
EDM feedback
Emergency stop switch S2
21-22
Discrepancy Time
E-STOP released
Reset ON
EDM error
● Program
● Safety I/O Terminal Settings
Input Terminals
Output Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com