Electronic Components Datasheet Search
  English  ▼

X  

G9SP Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G9SP
Description  Easy programming for complex safety control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SP Datasheet(HTML) 3 Page - Omron Electronics LLC

  G9SP Datasheet HTML 1Page - Omron Electronics LLC G9SP Datasheet HTML 2Page - Omron Electronics LLC G9SP Datasheet HTML 3Page - Omron Electronics LLC G9SP Datasheet HTML 4Page - Omron Electronics LLC G9SP Datasheet HTML 5Page - Omron Electronics LLC G9SP Datasheet HTML 6Page - Omron Electronics LLC G9SP Datasheet HTML 7Page - Omron Electronics LLC G9SP Datasheet HTML 8Page - Omron Electronics LLC G9SP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
G9SP
3
Function Support by Unit Version of G9SP
Serial communication speed
* The baud rate can be set to 115,200 bps with turning on the DIP swith pin 3.
Connectivity with OMRON safety input devices
*1. The UM Series was discontinued at the end of June 2019.
*2. Only a model with wire configuration of 2-wire cable on both sides (Configuration No. 0)
Programmable Terminal NB series
Programmable Terminals
Software
* NB-Designer version 1.32 or later can be used with G9SP.
For detail, refer to the NB Series catalog (Cat. No. V412-E1).
Item
Unit Version
Ver.1.
@
Ver.2.0
Communications protocol
No-protocol
Communication speed
9,600 bps
9,600 bps
115,200 bps
*
Transmission disutance
max.15 m
max.15 m
(With a baud rate of 115,200 bps: max.3 m)
Data length
8 bits
Parity
Even
Stop bits
1 bit
Item
Unit Version
Ver.1.
@
Ver.2.0
Single-beam Safety Sensor
E3ZS, E3FS
max.1 unit
G9SP-N10D/N20S: max.6 units
G9SP-N10S
: max.4 units
Non-contact Door Switche
D40A, D40Z
G9SP-N10D/N20S: max.30 units
G9SP-N10S
: max.15 units
Safety Mat
UM
*1
max.12 units
Safety Edge
SGE
*2
max.5 units
Product name
Specifications
Model
NB3Q
3.5 inch, TFT LCD, Color, 320
× 240 dots
NB3Q-TW00B
3.5 inch, TFT LCD, Color, 320
× 240 dots,
USB Host, Ethernet
NB3Q-TW01B
NB5Q
5.6 inch, TFT LCD, Color, 320
× 234 dots
NB5Q-TW00B
5.6 inch, TFT LCD, Color, 320
× 234 dots,
USB Host, Ethernet
NB5Q-TW01B
NB7W
7 inch, TFT LCD, Color, 800
× 480 dots
NB7W-TW00B
7 inch, TFT LCD, Color, 800
× 480 dots,
USB Host, Ethernet
NB7W-TW01B
NB10W
10.1 inch, TFT LCD, Color, 800
× 480 dots,
USB Host, Ethernet
NB10W-TW01B
Product name
Specifications
Support Software for NB Series
NB-Designer
*
Supported Operating Systems:
Windows 10, Windows 8.1, Windows 8, Windows 7, Windows Vista ,
Windows XP (SP3 or higher).
Note: Note: Except for Windows XP 64-bit version
Download from Omron's regional websites.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com