Electronic Components Datasheet Search
  English  ▼

X  

G9SP Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G9SP
Description  Easy programming for complex safety control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SP Datasheet(HTML) 5 Page - Omron Electronics LLC

  G9SP Datasheet HTML 1Page - Omron Electronics LLC G9SP Datasheet HTML 2Page - Omron Electronics LLC G9SP Datasheet HTML 3Page - Omron Electronics LLC G9SP Datasheet HTML 4Page - Omron Electronics LLC G9SP Datasheet HTML 5Page - Omron Electronics LLC G9SP Datasheet HTML 6Page - Omron Electronics LLC G9SP Datasheet HTML 7Page - Omron Electronics LLC G9SP Datasheet HTML 8Page - Omron Electronics LLC G9SP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
G9SP
5
Configurator
System Requirements
The following system is required to operate the G9SP Configurator WS02-G9SP
@@@. Make sure your system provides the following conditions
and has the necessary components.
Certified Standards
* The G9SP-series Controller (version 1.1 or later) and the Expansion I/O Units have been certified for the KOSHA S Mark.
Item
Description
CD-ROM or DVDROM drive
One or more
Supported operating systems
Windows XP Service Pack 3 (32-bit edition)
Windows Vista Service Pack 2 (32-bit edition, 64-bit edition)
Windows 7 (32-bit edition, 64-bit edition)
Windows 8 (32-bit edition, 64-bit edition)
Windows 8.1 (32-bit edition, 64-bit edition)
Windows 10 (32-bit edition, 64-bit edition)
Note: Administrator rights are required for installation.
CPU
Computer with a processor that is recommended by Microsoft Corporation.
RAM
Memory capacity that is recommended by Microsoft Corporation
Required hard disk space
200 MB min.
Display
High-luminance display of SVGA (800
× 600) min.
With 256 colors min.
Connection port to Controller
USB port
Certifying body
Standard
TÜV
Rheinland
EN ISO 13849-1
EN ISO 13849-2
IEC 61508 parts 1-7
EN 62061
IEC 61131-2
EN ISO 13850
EN 60204-1
EN 61000-6-2
EN 61000-6-4
NFPA 79
ANSI RIA R15.06
ANSI B11.19
ANSI/UL 1998
UL
UL508
CSA22.2 No.142
KOSHA
S Mark
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com