Electronic Components Datasheet Search
  English  ▼

X  

G9SP Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G9SP
Description  Easy programming for complex safety control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SP Datasheet(HTML) 1 Page - Omron Electronics LLC

  G9SP Datasheet HTML 1Page - Omron Electronics LLC G9SP Datasheet HTML 2Page - Omron Electronics LLC G9SP Datasheet HTML 3Page - Omron Electronics LLC G9SP Datasheet HTML 4Page - Omron Electronics LLC G9SP Datasheet HTML 5Page - Omron Electronics LLC G9SP Datasheet HTML 6Page - Omron Electronics LLC G9SP Datasheet HTML 7Page - Omron Electronics LLC G9SP Datasheet HTML 8Page - Omron Electronics LLC G9SP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Safety Controller
G9SP
Easy programming for complex safety
control
• Stand-alone Safety Controller for small and mid-sized machinery
• Three types of CPU with different I/O size to suit the application
• Four types of Expansion I/O Units for hard-wired diagnosis or
standard signals
• Clear diagnosis and monitoring via Ethernet or Serial connection
• Various kinds of safety devices directly connectable like non-
contact switches and safety mats
• Easy design, verification, standardization and reusage of safety
control by unique programming software
• ISO 13849-1 (PLe/Category 4), IEC61508 (SIL3) certified
Example of the system configuration
Windows is registered trademarks of Microsoft Corporation in the USA and other countries.
Other company names and product names in this document are the trademarks or registered trademarks of their respective companies.
The product photographs and figures that are used in this catalog may vary somewhat from the actual products.
Refer to "Safety Precautions" on page 25.
For the most recent information on models that have been certified
for safety standards, refer to your OMRON website.
Programmable terminal
Expansion I/O Unit
G9SP Series
PC
Peripheral Tool
G9SP Configurator
WS02-G9SP
@@@
USB Cable
Memory Cassette
CP1W-ME05M
G9SP-N
@@@
CP1W-20EDT/EDT1
CP1W-32ET/ET1
Expandable up to 2 Units
CP1W-CN811
G9SP Series
Expansion I/O Unit
RS-232C
Option Board
CP1W-CIF01
or
RS-232C
RS-232C or
Ethernet Communication
Standard PLC
CP1W-CIF41 (Ver. 2.0 or later)
Ethernet
Option Board
I/O Connecting Cable
When the Units are distantly-positioned
such as one above the other layout


Similar Part No. - G9SP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SP OMRON-G9SP Datasheet
3Mb / 22P
High-Coded Non-Contact Safety Door Switch
G9SP-N10D OMRON-G9SP-N10D Datasheet
923Kb / 10P
Compact Stand-Alone Programmable Controller
G9SP-N10D OMRON-G9SP-N10D Datasheet
2Mb / 14P
Single-beam Safety Sensor
2016.8
G9SP-N10D OMRON-G9SP-N10D Datasheet
840Kb / 14P
Hall Coded Non-contact Safety Switches
G9SP-N10D OMRON-G9SP-N10D Datasheet
1Mb / 14P
Magnetic non-contact safety switches
More results

Similar Description - G9SP

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700S-P ALLEN-BRADLEY-700S-P Datasheet
71Kb / 3P
Safety Control Relays
logo
Schneider Electric
XZCRPC SCHNEIDER-XZCRPC Datasheet
77Kb / 2P
USB-M12 5 poles adapter for safety light curtain integrated muting programming
Jan 19, 2021
logo
Pepperl+Fuchs Inc.
PSE2-SC-02 PF-PSE2-SC-02 Datasheet
696Kb / 5P
Safety control unit
2020-10-06
SB4-OR-4CP-4C PF-SB4-OR-4CP-4C Datasheet
1Mb / 4P
Safety control unit
2023-02-15
SB4-OR-4CP-B-B-B-B-B-B PF-SB4-OR-4CP-B-B-B-B-B-B Datasheet
1Mb / 4P
Safety control unit
2023-02-15
SB4-OR-4CP-B PF-SB4-OR-4CP-B Datasheet
1Mb / 4P
Safety control unit
2023-02-15
SB4-OR-4CP PF-SB4-OR-4CP Datasheet
1Mb / 4P
Safety control unit
2023-02-15
SB4-OR-4XP-4M PF-SB4-OR-4XP-4M Datasheet
1Mb / 7P
Safety control unit
2023-02-15
SB4-OR-4XP-4X PF-SB4-OR-4XP-4X Datasheet
1Mb / 7P
Safety control unit
2023-03-01
SB4-OR-4XP-B-B-B PF-SB4-OR-4XP-B-B-B Datasheet
1Mb / 7P
Safety control unit
2023-02-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com