Electronic Components Datasheet Search
  English  ▼

X  

SC-PA Datasheet(PDF) 2 Page - Linx Technologies

Part # SC-PA
Description  SC-PA SERIES TRANSCEIVER MODULE DESIGN GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

SC-PA Datasheet(HTML) 2 Page - Linx Technologies

  SC-PA Datasheet HTML 1Page - Linx Technologies SC-PA Datasheet HTML 2Page - Linx Technologies SC-PA Datasheet HTML 3Page - Linx Technologies SC-PA Datasheet HTML 4Page - Linx Technologies SC-PA Datasheet HTML 5Page - Linx Technologies SC-PA Datasheet HTML 6Page - Linx Technologies SC-PA Datasheet HTML 7Page - Linx Technologies SC-PA Datasheet HTML 8Page - Linx Technologies SC-PA Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Page 2
TRANSMIT SECTION
Parameter
Designation
Min
Typ
Max
Units
Notes
Center Frequency
Fc
SEE TABLE 1
MHz
Fc Tolerance
-50
+50
KHz
1
Output Power
Po
- 12
-10
- 6
dBm
2,3
Output-Power Control Range
5
dB
2,4,8
Harmonic Emissions
Ph
-45
dBm
Spurious Emissions
compatible with FCC part 15
Frequency Deviation
90
110
130
KHz
5
Data Rate
300
33,600
Bps
8
Audio Modulation Bandwidth
.15
17
KHz
7,8
Modulation Voltage
Digital (Mark)
3
5
5.2
VDC
9
Digital (Space)
0
0
VDC
Analog
0
3
Vp-p
10
RECEIVE SECTION
LO Frequency
Flo
SEE TABLE 1
MHz
Flo Tolerance
-50
+50
KHz
Local Oscillator Feedthru
-65
-50
dBm
2
Spurious Emissions
compatible with FCC part 15
Receive Sensitivity
-90
-94
-100
dBm
6
Data Rate
300
33,600
Bps
8
Required Transition Interval
3.5
ms
8,14
Audio Bandwidth
.15
17
KHz
7,8
Audio Level
180
mVp-p
8
RSSI DC Output Range
.7 to 2.5
V
8
RSSI Gain
Grssi
27
mV/dB
8
RSSI Dynamic Range
65
dB
8
ANTENNA PORT
Designed for match
50
ohms
8
TIMING
Power-on to Valid Receive
6
8
ms
8, 9,11
Power-on to Valid Transmit
3
5
ms
8, 9,11
RX to Valid TX Switching
3
5
ms
8,9,12
TX to Valid RX Switching
4
6
ms
8,9,13
POWER SUPPLY
Operating Voltage
VCC (pin 10)
2.7
13
VDC
Current Consumption
Icc
TX Mode
12
15
19
mA
RX Mode
10
13
15
mA
Sleep Mode
50
uA
8
ENVIRONMENTAL
Operational Temp.
0
70
°C
PERFORMANCE DATA TR-XXX-SC-PA
*ABOUT THESE MEASUREMENTS
The performance parameters listed below are based on module operation at 25°C
from a 5VDC supply unless otherwise noted.
*Table applies to S/N >1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com