Electronic Components Datasheet Search
  English  ▼

X  

SC-PA Datasheet(PDF) 3 Page - Linx Technologies

Part # SC-PA
Description  SC-PA SERIES TRANSCEIVER MODULE DESIGN GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

SC-PA Datasheet(HTML) 3 Page - Linx Technologies

  SC-PA Datasheet HTML 1Page - Linx Technologies SC-PA Datasheet HTML 2Page - Linx Technologies SC-PA Datasheet HTML 3Page - Linx Technologies SC-PA Datasheet HTML 4Page - Linx Technologies SC-PA Datasheet HTML 5Page - Linx Technologies SC-PA Datasheet HTML 6Page - Linx Technologies SC-PA Datasheet HTML 7Page - Linx Technologies SC-PA Datasheet HTML 8Page - Linx Technologies SC-PA Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Page 3
*CAUTION*
This product incorporates numerous static-sensitive components.
Always wear an ESD wrist strap and observe proper ESD handling
procedures when working with this device. Failure to observe this
precaution may result in module damage or failure.
NOTES:
1)
Center frequency measured while modulated with a 0-5V square wave.
2)
Into a 50-ohm load.
3)
LVLADJ open.
4)
Maximum power when LVLADJ open, minimum power when LVLADJ grounded.
5)
TXDATA pin modulated with a 0-5V square wave.
6)
For 10-5 BER at 9,600 baud.
7)
The audio bandwidth is wide to accommodate the needs of the data slicer. In audio applications, audio
quality may be improved by using a low pass filter rolling off at the maximum frequency of interest.
8)
These parameters are only characterized and not tested.
9)
The SC-PA is optimized for 0-5V modulation when sending digital data. 0-3V modulation is possible
but will slightly reduce system sensitivity and increase settling times.
10) Analog signals including audio should be AC-coupled. Signals in excess of 3V will cause distortion.
11) Time to transmitter or receiver readiness from the application of power to VIN or PDN going high.
12) Time from the TXEN going high and RXEN going low to the transmitter being ready to transmit data.
13) Time from the RXEN going high and TXEN going low to valid receiver data output.
14) Maximum time without a data transition.
Figure 4: Receive Bit Symmetry @33.6Kbps
Figure 3: Transmitter Enabled to PLL Lock
Figure 2: Time to Valid Data TX ©RX
Figure 1: Power-on to valid RX data
Table 1
TYPICAL PERFORMANCE GRAPHS
MODEL
UNITS
Center Frequency
TX
RX LO
TR-916-SC-PA
916.48
905.78
MHz
Data
VCC
Data
RXEN
PLL Lock
TXEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com