Electronic Components Datasheet Search
  English  ▼

X  

SC-PA Datasheet(PDF) 4 Page - Linx Technologies

Part # SC-PA
Description  SC-PA SERIES TRANSCEIVER MODULE DESIGN GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

SC-PA Datasheet(HTML) 4 Page - Linx Technologies

  SC-PA Datasheet HTML 1Page - Linx Technologies SC-PA Datasheet HTML 2Page - Linx Technologies SC-PA Datasheet HTML 3Page - Linx Technologies SC-PA Datasheet HTML 4Page - Linx Technologies SC-PA Datasheet HTML 5Page - Linx Technologies SC-PA Datasheet HTML 6Page - Linx Technologies SC-PA Datasheet HTML 7Page - Linx Technologies SC-PA Datasheet HTML 8Page - Linx Technologies SC-PA Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Page 4
PIN DESCRIPTION
PIN#
Pin Title
Description
Analog or Digital Content
to be Transmitted
TXDATA
9
2.7-13VDC Supply
VIN
10
50
Ω Antenna Port
TX/RX Switch Inside Module
ANT
12
Open for Maximum TX Power
Insert Resistor to Reduce by up to 5dB
*Do Not Pull High*
LVLADJ
14
Transmitter Enable Pin
Active High
Pull Low When in RX
TXEN
8
Not Implemented
Do Not Connect
N/C
6
Receiver Enable Pin
Active High
Pull Low When in TX
RXEN
7
Logic Low Powers Down
The Transceiver
PDN
5
Received Signal
Strength Indicator
RSSI
4
Recovered Analog Output
AUDIO
3
Recovered Data Output
Module Grounds
Tie to Common Groundplane
RXDATA
2
Ground
1,11,13
15-20
GND
RX DATA
AUDIO
RSSI
PDN
N/C
RXEN
TXEN
TXDATA
VIN
GND
GND
GND
GND
GND
GND
LVLADJ
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Figure 5: SC-PA Pinouts (viewed looking down on top cover)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com