Electronic Components Datasheet Search
  English  ▼

X  

SC-PA Datasheet(PDF) 5 Page - Linx Technologies

Part # SC-PA
Description  SC-PA SERIES TRANSCEIVER MODULE DESIGN GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

SC-PA Datasheet(HTML) 5 Page - Linx Technologies

  SC-PA Datasheet HTML 1Page - Linx Technologies SC-PA Datasheet HTML 2Page - Linx Technologies SC-PA Datasheet HTML 3Page - Linx Technologies SC-PA Datasheet HTML 4Page - Linx Technologies SC-PA Datasheet HTML 5Page - Linx Technologies SC-PA Datasheet HTML 6Page - Linx Technologies SC-PA Datasheet HTML 7Page - Linx Technologies SC-PA Datasheet HTML 8Page - Linx Technologies SC-PA Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Page 5
DESCRIPTION
The TR-XXX-SC-PA module is a single-channel, half-duplex transceiver
designed for the wireless transmission of digital or analog information over
distances of <300 feet outside and <150 feet inside. The PA version has a lower
output power than the standard SC and has been pre-certified by the FCC which
greatly reduces the time to market and cost of product introduction. No external
components (excluding an antenna) are required. The module incorporates an
on-board switch allowing the use of a single antenna. Linx offers a wide selection
of antennas designed for use with the transceiver module.
The transceiver is half-duplex; therefore, it can only be operated in one mode at
a time: either transmit mode or receive mode. When transmitting, the receiver is
powered down. Likewise, the transmitter is powered down in receive mode.
The transmit section of the transceiver is capable of producing up to 1mW of
output power while maintaining harmonics and spurious emissions within legal
limits. The power amplifier can be adjusted over a 15dB adjustment range via
the LVLADJ pin. This is very useful for optimizing a product during FCC testing.
The transmitter directly modulates the carrier with the baseband signal present
at the TXDATA pin. If the signal is analog in nature, it will FM modulate the carrier.
If the signal is digital, the modulation method becomes FSK. In either case the
carrier’s peak deviation is determined by the modulating signal’s amplitude.
The receive section of the transceiver is capable of recovering a signal as low as
-94dBm (typical). The receiver operates in a single conversion superhet
configuration, with an IF of 10.7 MHz. A quadrature demodulator is used to
recover the baseband analog signal from the carrier. This analog signal is low-
pass filtered and then made externally available to the user via the audio pin. It
is also passed to the data slicer for squaring of digital content.
The transceiver has an on-board voltage regulator that regulates the internal
VCC to 3.0V. This allows a wide operating voltage range of 2.7V to 13V. At 2.7V,
the internal regulator acts as a saturated switch, directly passing voltage through
to the internal electronics. The PDN pin can be used to put the transceiver into
a low-current sleep mode (<50uA).
DUAL TIMEBASE
PLL
See Table 1
RX
See Table 1
TX
POWER
AMP
LVLADJ
RECEIVE
CRYSTAL
14.152813MHz
TRANSMIT
CRYSTAL
14.31818MHz
RSSI
MODULATION IN
10.7MHz
Filter
SAW Filter
10.7MHz
Filter
17KHz
Filter
DEMOD
AUDIO
DATA
IF LIMITER
IF
AMPLIFIER
DIFFERENTIAL
LO
(905.78MHz)
LNA
RF
IN
Figure 6: SC-PA Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com