Electronic Components Datasheet Search
  English  ▼

X  

SC-PA Datasheet(PDF) 6 Page - Linx Technologies

Part # SC-PA
Description  SC-PA SERIES TRANSCEIVER MODULE DESIGN GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

SC-PA Datasheet(HTML) 6 Page - Linx Technologies

Back Button SC-PA Datasheet HTML 2Page - Linx Technologies SC-PA Datasheet HTML 3Page - Linx Technologies SC-PA Datasheet HTML 4Page - Linx Technologies SC-PA Datasheet HTML 5Page - Linx Technologies SC-PA Datasheet HTML 6Page - Linx Technologies SC-PA Datasheet HTML 7Page - Linx Technologies SC-PA Datasheet HTML 8Page - Linx Technologies SC-PA Datasheet HTML 9Page - Linx Technologies SC-PA Datasheet HTML 10Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Page 6
TRANSMITTER OPERATION
The transceiver’s transmitter section is a wide-band FM transmitter capable of
generating -10dBm of output power into a 50-ohm load.
The transmitter is comprised of a VCO and a crystal-controlled frequency
synthesizer. The frequency synthesizer, referenced to a precision crystal, locks
the VCO to achieve a high-Q, low phase-noise oscillator.
FM modulation is achieved by direct modulation of the reference crystal. By
modulating the transmitter in this manner, a wide modulation bandwidth is
achieved. If the transmitter LO were modulated, the frequency synthesizer would
track out modulation within the bandwidth of the loop filter (this is a common
limitation of most synthesized FM transmitters).
When the transmitter will be used to transmit digital data, the TXDATA is best
driven from a 5-volt source. The transmitter is designed to give an average
deviation of 110kHz with a 5V square wave input. It is possible to successfully
modulate the transceiver with a level as low as 3 volts; however, the reduced
carrier deviation will cause a slight loss in receiver sensitivity and a 10 to 20%
increase in settling times.
Analog sources such as audio should provide a 3V P-P maximum waveform and
should be AC-coupled into the TXDATA pin. The size of the coupling capacitor
should be large enough to insure the passage of all desired frequencies. Since
the modulation voltage applied to the TXDATA pin determines the carrier
deviation, distortion can occur if the TXDATA pin is over-driven. The actual level
of the input waveform should be adjusted to achieve optimum in-circuit results.
The transmitter’s output power is not affected by supply voltage but it can be
externally adjusted. To ensure complete FCC compliance under every condition
of operation, the SC-PA module is internally attenuated to a lower level than that
of a standard SC module. If the user wishes to reduce the output power further,
a resistor may be placed from the LVLADJ pin to ground. Depending on the value
of resistor selected up to 5dB of additional attenuation may be realized. Under no
circumstance should the pin be held high as the pre-certified status would be
compromised and internal damage could result.
RECEIVER OPERATION
The receiver is configured as a single conversion superhet FM receiver with a
baseband analog bandwidth of 17kHz.
Low-level RF signals are filtered at the front end by a SAW band-pass filter. This
filter reduces the signal levels of interfering transmitters such as pager towers
and cell phones.
The filtered signal is amplified and down-converted to the 10.7 MHz IF by mixing
it with a LO frequency generated by a PLL locked differential VCO. Then the 10.7
MHz IF is amplified, filtered, and finally demodulated to recover the analog
baseband signal originally transmitted. The analog baseband output is low-pass
filtered and then made available externally via the audio pin. The signal is also
squared by a proprietary data slicer for output of digital information at the RX
Data pin. The data slicer is capable of recreating squared waveforms in the
150Hz to 17kHz band, giving a data-rate bandwidth of 300bps to 33.6Kbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com