Electronic Components Datasheet Search
  English  ▼

X  

TUSB217A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB217A
Description  TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB217A Datasheet(HTML) 4 Page - Texas Instruments

  TUSB217A Datasheet HTML 1Page - Texas Instruments TUSB217A Datasheet HTML 2Page - Texas Instruments TUSB217A Datasheet HTML 3Page - Texas Instruments TUSB217A Datasheet HTML 4Page - Texas Instruments TUSB217A Datasheet HTML 5Page - Texas Instruments TUSB217A Datasheet HTML 6Page - Texas Instruments TUSB217A Datasheet HTML 7Page - Texas Instruments TUSB217A Datasheet HTML 8Page - Texas Instruments TUSB217A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
6 Pin Configuration and Functions
4
SDA
3
5
6
9
10
11
12
1
8
7
SCL/CD
RSTZ
BOOST
D2P
D2M
RX_SEN/ENA_HS
GND
DCP/CDP
VCC
D1M
D1P
2
No t to scale
Figure 6-1. TUSB217A-Q1 RWB 12-Pin X2QFN Top View
Table 6-1. Pin Functions
PIN (RWB)
I/O
INTERNAL
PULLUP/PULLDOWN
DESCRIPTION
NAME
NO. (RWB)
BOOST
6
I
N/A
USB High-speed boost select through the external pull down resistor.
Both edge boost and DC boost are controlled by a single pin in non-
I2C mode. In I2C mode edge boost and DC boost can be individually
controlled.
Sampled upon power up. Does not recognize real time adjustments.
Auto selects BOOST LEVEL = 3 when left floating.
DCP/CDP
11
I
500 kΩ PU
DCP or CDP mode selection. Low=DCP and High=CDP
TUSB217A-Q1RWB BC1.2 controller is always enabled.
RX_SEN(2)/ENA_HS
9
I/O
N/A
In I2C mode:
Reserved for TI test purpose.
In non-I2C mode:
At reset: 3-level input signal RX_SEN. USB High-speed RX
Equalization Setting to Compensate ISI Jitter
H (pin is pulled high) – high RX equalization (high loss channel)
M (pin is left floating) – medium RX equalization (medium loss
channel)
L (pin is pulled low) – low RX equalization (low loss channel)
After reset: Output signal ENA_HS. Flag indicating that channel is in
High-speed mode. Asserted upon:
1. Detection of USB-IF High-speed test fixture from an unconnected
state followed by transmission of USB TEST_PACKET pattern.
2. Squelch detection following USB reset with a successful HS
handshake [HS handshake is declared to be successful after single
chirp J chirp K pair where each chirp is within 18 μs – 128 μs].
D2P
7
I/O
N/A
USB High-speed positive port.
D2M
8
I/O
N/A
USB High-speed negative port.
GND
10
P
N/A
Ground
D1M
1
I/O
N/A
USB High-speed negative port..
D1P
2
I/O
N/A
USB High-speed positive port.
SDA(1)
3
I/O
500 kΩ PU
1.8 MΩ PD
I2C Mode:
Bidirectional I2C data pin [7-bit I2C slave address = 0x2C].
In non I2C mode:
Reserved for TI test purpose.
VCC
12
P
N/A
Supply power
TUSB217A-Q1
SLLSFK6 – SEPTEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB217A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com