Electronic Components Datasheet Search
  English  ▼

X  

TUSB217A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB217A
Description  TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB217A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB217A Datasheet HTML 2Page - Texas Instruments TUSB217A Datasheet HTML 3Page - Texas Instruments TUSB217A Datasheet HTML 4Page - Texas Instruments TUSB217A Datasheet HTML 5Page - Texas Instruments TUSB217A Datasheet HTML 6Page - Texas Instruments TUSB217A Datasheet HTML 7Page - Texas Instruments TUSB217A Datasheet HTML 8Page - Texas Instruments TUSB217A Datasheet HTML 9Page - Texas Instruments TUSB217A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Supply voltage range
VCC
–0.3
7
V
Voltage range USB data
DxP, DxM
–0.3
5.5
V
Voltage range on BOOST pin
BOOST
-0.3
1.98
V
Voltage range other pins
RX_SEN, DCP/CDP,SDA,SCL, RSTN
-0.3
5.5
V
Storage temperature, Tstg
–65
150
°C
Maximum junction temperature, TJ (max)
125
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011(2)
±750
(1)
AEC Q100-002 HBM ESD Classification Level 2
(2)
AEC Q100- 011 CDM ESD Classification Level C4A
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.3
5
6.5
V
TA
Operating free-air temperature (AEC-Q100)
–40
105
°C
TJ
Junction temperature (AEC-Q100)
115
°C
VI2C_BUS
I2C Bus Voltage
1.62
3.6
V
DxP, DxM
Voltage range USB data
0
3.6
V
BOOST
Voltage range BOOST pin
0
1.98
V
DIGITAL
Voltage range other pins (SCL, SDA, RSTN, DCP/CDP)
0
3.6
V
RX_SEN
Voltage range RX_SEN pin
0
5.0
V
7.4 Thermal Information
THERMAL METRIC (1)
RWB (X2QFN)
UNIT
12 PINS
RθJA
Junction-to-ambient thermal resistance
137.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
62
°C/W
RθJB
Junction-to-board thermal resistance
67.2
°C/W
ψJT
Junction-to-top characterization parameter
1.9
°C/W
ψJB
Junction-to-board characterization parameter
67.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
TUSB217A-Q1
SLLSFK6 – SEPTEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB217A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com