Electronic Components Datasheet Search
  English  ▼

X  

TUSB217A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB217A
Description  TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB217A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB217A Datasheet HTML 5Page - Texas Instruments TUSB217A Datasheet HTML 6Page - Texas Instruments TUSB217A Datasheet HTML 7Page - Texas Instruments TUSB217A Datasheet HTML 8Page - Texas Instruments TUSB217A Datasheet HTML 9Page - Texas Instruments TUSB217A Datasheet HTML 10Page - Texas Instruments TUSB217A Datasheet HTML 11Page - Texas Instruments TUSB217A Datasheet HTML 12Page - Texas Instruments TUSB217A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
7.7 Timing Requirements
MIN
NOM
MAX
UNIT
POWER UP TIMING
TRSTN_PW
Minimum width to detect a valid RSTN signal assert when the pin is actively
driven low
100
µs
TSTABLE
VCC must be stable before RSTN de-assertion
300
µs
TREADY
Maximum time needed for the device to be ready after RSTN is de-
asserted.
500
µs
TRAMP
VCC ramp time
100
ms
TRAMP
VCC ramp time
0.2
ms
I2C (STD)
tSUSTO
Stop setup time, SCL (Tr=600ns-1000ns), SDA (Tf=6.5ns-106.5ns), 100kHz
STD
4
µs
tHDSTA
Start hold time, SCL (Tr=600ns-1000ns), SDA (Tf=6.5ns-106.5ns), 100kHz
STD
4
µs
tSUSTA
Start setup time, SCL (Tr=600ns-1000ns), SDA (Tf=6.5ns-106.5ns),
100kHz STD
4.7
µs
tSUDAT
Data input or False start/stop, setup time, SCL (Tr=600ns-1000ns), SDA
(Tf=6.5ns-106.5ns), 100kHz STD
250
ns
tHDDAT
Data input or False start/stop, hold time, SCL (Tr=600ns-1000ns), SDA
(Tf=6.5ns-106.5ns), 100kHz STD
5
µs
tBUF
Bus free time between START and STOP conditions
4.7
µs
tLOW
Low period of the I2C clock
4.7
µs
tHIGH
High period of the I2C clock
4
µs
tF
Fall time of both SDA and SCL signals
300
ns
tR
Rise time of both SDA and SCL signals
1000
ns
www.ti.com
TUSB217A-Q1
SLLSFK6 – SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TUSB217A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com