Electronic Components Datasheet Search
  English  ▼

X  

TUSB217A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB217A
Description  TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB217A Datasheet(HTML) 1 Page - Texas Instruments

  TUSB217A Datasheet HTML 1Page - Texas Instruments TUSB217A Datasheet HTML 2Page - Texas Instruments TUSB217A Datasheet HTML 3Page - Texas Instruments TUSB217A Datasheet HTML 4Page - Texas Instruments TUSB217A Datasheet HTML 5Page - Texas Instruments TUSB217A Datasheet HTML 6Page - Texas Instruments TUSB217A Datasheet HTML 7Page - Texas Instruments TUSB217A Datasheet HTML 8Page - Texas Instruments TUSB217A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
1 Features
• AEC-Q100 qualified for automotive applications
– Device temperature grade 2:
-40°C to 105°C TA
• Wide supply voltage range: 2.3 – 6.5 V
• Ultra-low USB disconnect and shutdown power
consumption
• Provides USB 2.0 high-speed signal conditioning
• Compatible with USB 2.0, OTG 2.0 and BC 1.2
• Support for low-speed, full-speed, high-speed
signaling
• Integrated BC 1.2 Charging Downstream
Port (CDP) and Dedicated Charging Port
(DCP) controllers that dynamically changes per
DCP/CDP pin
• Host or device agnostic
• Supports up to 5-m cable length
– Four selectable signal boost (edge boost along
with DC boost) settings through the external
pull-down resistor values
– Three selectable RX equalization settings
through the pull-up-or-down to compensate ISI
jitter for high-loss applications
• Supports up to 10-m cable length with two
TUSB217A-Q1 devices
• Scalable solution – devices can be daisy chained
for high loss applications
• RWB is pin compatible with TUSB211/212/214/216
2 Applications
• Automotive infotainment and cluster
• Automotive head unit
• Active cable, cable extenders, backplane
3 Description
The TUSB217A-Q1 is a third-generation USB
2.0 high-speed signal conditioner designed to
compensate both AC loss (due to capacitive load) and
DC loss (due to resistive loss) in the transmission
channel.
The TUSB217A-Q1 leverages a patented design to
speed-up transition edges of USB 2.0 high-speed
signal with an edge booster and increases static
levels with a DC boost function. In addition, the
TUSB217A-Q1 includes a pre-equalization function
to improve the receiver sensitivity and compensate
the inter-symbol interference (ISI) jitter in application
with longer cable length. USB low-speed and full-
speed signal characteristics are unaffected by the
TUSB217A-Q1.
The TUSB217A-Q1 improves signal quality without
altering packet timing or adding propagation delay or
latency.
The TUSB217A-Q1 helps a system to pass the USB
2.0 high-speed near end eye compliance with a cable
as long as 5 meters.
The TUSB217A-Q1 is compatible with the USB
On-The-Go (OTG) and battery charging (BC 1.2)
protocols. The Integrated BC 1.2 battery charging
controller can be enabled through a control pin.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB217A-Q1
X2QFN (12RWB)
1.60 mm × 1.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
D2
D1
Cable
USB
Connector
VCC
2.3 ± 6.5V
GND
USB
Host
Simplified Schematic
TUSB217A-Q1
SLLSFK6 – SEPTEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB217A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB217A TI-TUSB217A Datasheet
4Mb / 31P
TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB217AI TI-TUSB217AI Datasheet
4Mb / 31P
TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB217AIRWBR TI-TUSB217AIRWBR Datasheet
4Mb / 31P
TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB217AIRWBT TI-TUSB217AIRWBT Datasheet
4Mb / 31P
TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB217ARWBR TI-TUSB217ARWBR Datasheet
4Mb / 31P
TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
More results

Similar Description - TUSB217A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
USB 2.0 High Speed Signal Conditioner
TUSB214 TI1-TUSB214 Datasheet
836Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB217A TI-TUSB217A Datasheet
4Mb / 31P
TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com