Electronic Components Datasheet Search
  English  ▼

X  

TUSB217A Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB217A
Description  TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB217A Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB217A Datasheet HTML 15Page - Texas Instruments TUSB217A Datasheet HTML 16Page - Texas Instruments TUSB217A Datasheet HTML 17Page - Texas Instruments TUSB217A Datasheet HTML 18Page - Texas Instruments TUSB217A Datasheet HTML 19Page - Texas Instruments TUSB217A Datasheet HTML 20Page - Texas Instruments TUSB217A Datasheet HTML 21Page - Texas Instruments TUSB217A Datasheet HTML 22Page - Texas Instruments TUSB217A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Table 9-5. Table of Recommended Settings
BOOST and RX_SEN settings (1)for channel loss
Pre-channel cable length (Between USB
PHY and TUSB217A-Q1)
BOOST
RX_SEN
0-3 meter
Level 0
Medium or High
2-5 meter
Level 1
Medium or High
Post-channel cable length (Between
TUSB217A-Q1 and inter-connect)
BOOST
RX_SEN
0-2 meter
Level 0
Medium or High
1-4 meter
Level 1
Medium or High
(1)
These parameters are starting values for different cable lengths. Further tuning might be required based on specific host or device as
well as cable length and loss profile.
9.2.2.1 Test Procedure to Construct USB High-speed Eye Diagram
Note
USB-IF certification tests for High-speed eye masks require the mandated use of the USB-IF
developed test fixtures. These test fixtures do not require the use of oscilloscope probes. Instead
they use SMA cables. More information can be found at the USB-IF Compliance Updates Page. It is
located under the Electrical Specifications section, ID 86 dated March 2013.
The following procedure must be followed before using any oscilloscope compliance software to construct a USB
High-speed Eye Mask:
9.2.2.1.1 For a Host Side Application
1. Configure the TUSB217A-Q1 to the desired BOOST setting.
2. Power on (or toggle the RSTN pin if already powered on) the TUSB217A-Q1.
3. Using SMA cables, connect the oscilloscope and the USB-IF host-side test fixture to the TUSB217A-Q1.
4. Enable the host to transmit USB TEST_PACKET.
5. Execute the oscilloscope USB compliance software.
6. Repeat the above steps in order to retest TUSB217A-Q1 with a different BOOST setting (must reset to
change).
9.2.2.1.2 For a Device Side Application
1. Configure the TUSB217A-Q1 to the desired BOOST setting.
2. Power on (or toggle the RSTN pin if already powered on) the TUSB217A-Q1.
3. Connect a USB host, the USB-IF device-side test fixture, and USB device to the TUSB217A-Q1. Ensure that
the USB-IF device test fixture is configured to the ‘INIT’ position.
4. Allow the host to enumerate the device.
5. Enable the device to transmit USB TEST_PACKET.
6. Using SMA cables, connect the oscilloscope to the USB-IF device-side test fixture and ensure that the
device-side test fixture is configured to the ‘TEST’ position.
7. Execute the oscilloscope USB compliance software.
8. Repeat the above steps in order to re-test TUSB217A-Q1 with a different BOOST setting (must reset to
change).
www.ti.com
TUSB217A-Q1
SLLSFK6 – SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TUSB217A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com