Electronic Components Datasheet Search
  English  ▼

X  

TUSB217A Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB217A
Description  TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB217A Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB217A Datasheet HTML 8Page - Texas Instruments TUSB217A Datasheet HTML 9Page - Texas Instruments TUSB217A Datasheet HTML 10Page - Texas Instruments TUSB217A Datasheet HTML 11Page - Texas Instruments TUSB217A Datasheet HTML 12Page - Texas Instruments TUSB217A Datasheet HTML 13Page - Texas Instruments TUSB217A Datasheet HTML 14Page - Texas Instruments TUSB217A Datasheet HTML 15Page - Texas Instruments TUSB217A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
8.5 TUSB217A-Q1 Registers
Table 8-3 lists the memory-mapped registers for the TUSB217A-Q1 registers. All register offset addresses not
listed in Table 8-3 should be considered as reserved locations and the register contents should not be modified.
Table 8-3. TUSB217A-Q1 Registers
Offset
Acronym
Register Name
Section
0x1
EDGE_BOOST
This register is setting EDGE BOOST level.
Go
0x3
CONFIGURATION
This register is selecting device mode.
Go
0xE
DC_BOOST
This register is setting DC BOOST level.
Go
0x25
RX_SEN
This register is setting RX Sensitivity level.
Go
Complex bit access types are encoded to fit into small table cells. Table 8-4 shows the codes that are used for
access types in this section.
Table 8-4. TUSB217A-Q1 Access Type Codes
Access Type
Code
Description
Read Type
RH
H
R
Set or cleared by hardware
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
8.5.1 EDGE_BOOST Register (Offset = 0x1) [reset = X]
EDGE_BOOST is shown in Figure 8-1 and described in Table 8-5.
Return to Summary Table.
This register is setting EDGE BOOST level.
Figure 8-1. EDGE_BOOST Register
7
6
5
4
3
2
1
0
ACB_LVL
RESERVED
RH/W-X
RH/W-X
Table 8-5. EDGE_BOOST Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
ACB_LVL
RH/W
X
XXXXb (sampled at startup from BOOST pin)
0000b to 1111b range
0x0 = BOOST PIN LEVEL 0 (lowest edge boost setting)
0x3 = BOOST PIN LEVEL 1
0x6 = BOOST PIN LEVEL 2
0xA = BOOST PIN LEVEL 3
0xF = (highest edge boost setting)
3-0
RESERVED
RH/W
X
These bits are reserved bits and set by hardware at reset.
When this register is modified the software should first read these
reserved bits and rewrite with the same values
TUSB217A-Q1
SLLSFK6 – SEPTEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB217A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com