Electronic Components Datasheet Search
  English  ▼

X  

AD4116BCPZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD4116BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116BCPZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD4116BCPZ Datasheet HTML 24Page - Analog Devices AD4116BCPZ Datasheet HTML 25Page - Analog Devices AD4116BCPZ Datasheet HTML 26Page - Analog Devices AD4116BCPZ Datasheet HTML 27Page - Analog Devices AD4116BCPZ Datasheet HTML 28Page - Analog Devices AD4116BCPZ Datasheet HTML 29Page - Analog Devices AD4116BCPZ Datasheet HTML 30Page - Analog Devices AD4116BCPZ Datasheet HTML 31Page - Analog Devices AD4116BCPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
AD4116
Data Sheet
Rev. 0 | Page 28 of 59
VOLTAGE INPUTS
The unique integrated AFE of the AD4116 allows the user to
configure for eleven single-ended inputs or six fully differential
inputs. The integrated precision voltage divider on the analog
front end has a division ratio of 10 and contains Analog Devices
unique and patented iPassives technology to provide high
impedance precision matched resistors that enable an input
range of ±20 V from a single +5 V power supply. Due to the
high input impedance on the analog front end, the conversion
accuracy of the voltage inputs may be dependent on the selected
output data rate when switching between channels or when
SING_CYC is enabled. For high output data rates, the settling
time is short; therefore, the large input impedance can influence
the accuracy. If a slower output data rate is selected, the error is
reduced as the ADC takes more time to process the analog
input, which allows sufficient time for the front end to settle.
Therefore, performing conversions at longer settling time
minimizes the error.
Enable the input buffers in the corresponding setup configuration
register for the voltage input channels (see Table 34).
Fully Differential Inputs
The differential inputs are paired together in the following
pairs: VIN0 and VIN1, VIN2 and VIN3, VIN4 and VIN5, VIN6
and VIN7, VIN8 and VIN9, VIN10 and VINCOM.
Single-Ended Inputs
The user can measure up to 11 different single-ended voltage
inputs. In this case, each voltage input must be paired with the
VINCOM pin. Connect the VINCOM pin externally to the
AVSS pin.
LOW LEVEL INPUTS
There are five low level input pins: ADCIN11, ADCIN12,
ADCIN13, ADCIN14, and ADCIN15. Each of these pins
connects to the internal crosspoint multiplexer. The crosspoint
multiplexer enables any of these inputs to be configured as an
input pair, either single-ended or fully differential.
The output of the multiplexer is connected to the input of the
integrated true rail-to-rail buffers. These buffers can be bypassed,
and the multiplexer output can be directly connected to the
switched capacitor input of the ADC. In buffered mode, the
input channel feeds into a high impedance input stage of the
buffer amplifier. Therefore, the input can tolerate significant
source impedances and is tailored for direct connection to external
resistive input protection or EMC filtering. When operating the
device in unbuffered mode, the device has a higher analog input
current. Note that this unbuffered input path provides a
dynamic load to the driving source. Therefore, RC combinations
on the input pins can cause gain errors, depending on the
output impedance of the source that is driving the ADC input.
Fully Differential Inputs
The differential low level inputs are paired together in the
following pairs: ADCIN11 and ADCIN12, ADCIN13 and
ADCIN14.
Single-Ended or Pseudo Differential Inputs
The user can measure up to four different single-ended or
pseudo differential, low level voltage inputs. In this case, each
voltage input must be paired with the ADCIN15 pin as the
input common pin. An example is to connect the ADCIN15
pin externally to the AVSS pin in a single-ended configuration,
meaning that the ADC can only convert positive input voltages.
Another example is to connect ADCIN15 to the REFOUT voltage
(that is, AVSS + 2.5 V) in a pseudo differential configuration,
and then differential voltages from −2.5 V to +2.5 V can be
converted.
ABSOLUTE INPUT PIN VOLTAGES
Voltage Inputs
The AD4116 voltage input pins are specified for an accuracy of
±10 V, specifically for the differential voltage between any two
voltage input pins.
The voltage input pins have separate specifications for the absolute
voltage that can be applied, and the unique design of the voltage
divider network of the analog front end enables overvoltage
robustness on the AD4116, meaning that the allowed overvoltages
vary depending on the AVDD supply. Figure 41 shows the
different degrees of robustness that can be achieved for AVDD =
5 V. Figure 41 provides a visual representation and guidance on
how an overvoltage on a voltage pin can affect the overall device
accuracy.
The guaranteed accuracy section of Figure 41 shows the voltage
range that can be applied to a voltage input pin and achieve
guaranteed accuracy.
ABSOLUTE MAXIMUM RATING
ABSOLUTE MAXIMUM RATING
NO DAMAGE TO DEVICE
NO DAMAGE TO DEVICE
GUARANTEED ACCURACY
NO LOSS OF ACCURACY ON OTHER CHANNELS
NO LOSS OF ACCURACY ON OTHER CHANNELS
+65V
–65V
–25V
–20V
+20V
+30V
AVDD = 5V
Figure 41. Absolute Input Pin Voltages, AVDD = 5 V
The no loss of accuracy sections show the voltage levels that can
be applied without degrading the accuracy of other channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com