Electronic Components Datasheet Search
  English  ▼

X  

AD4116BCPZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD4116BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116BCPZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD4116BCPZ Datasheet HTML 43Page - Analog Devices AD4116BCPZ Datasheet HTML 44Page - Analog Devices AD4116BCPZ Datasheet HTML 45Page - Analog Devices AD4116BCPZ Datasheet HTML 46Page - Analog Devices AD4116BCPZ Datasheet HTML 47Page - Analog Devices AD4116BCPZ Datasheet HTML 48Page - Analog Devices AD4116BCPZ Datasheet HTML 49Page - Analog Devices AD4116BCPZ Datasheet HTML 50Page - Analog Devices AD4116BCPZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
Data Sheet
AD4116
Rev. 0 | Page 47 of 59
REGISTER SUMMARY
Table 24. Register Summary
Register Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset1
R/W
0x00
COMMS
[7:0]
WEN
R/W
RA
0x00
W
0x00
Status
[7:0]
RDY
ADC_ERROR CRC_ERROR REG_ERROR
Channel
0x80
R
0x01
ADCMODE [15:8] REF_EN
Reserved
SING_CYC
Reserved
Delay
0x2000
R/W
[7:0]
Reserved
Mode
CLOCKSEL
Reserved
0x02
IFMODE
[15:8]
Reserved
ALT_SYNC
IOSTRENGTH
Reserved
DOUT_
RESET
0x0000
R/W
[7:0]
CONTREAD DATA_STAT REG_CHECK Reserved
CRC_EN
Reserved
WL16
0x03
REGCHECK [23:16]
REGISTER_CHECK[23:16]
0x000000 R
[15:8]
REGISTER_CHECK[15:8]
[7:0]
REGISTER_CHECK[7:0]
0x04
Data
[23:0]
Data[23:16]
0x000000 R
[15:8]
Data[15:8]
[7:0]
Data[7:0]
0x06
GPIOCON
[15:8]
Reserved
OP_EN2_3 MUX_IO
SYNC_EN
ERR_EN
ERR_DAT
0x0800
R/W
[7:0]
GP_DATA3
GP_DATA2 IP_EN1
IP_EN0
OP_EN1
OP_EN0
GP_DATA1
GP_DATA0
0x07
ID
[15:8]
ID[15:8]
0x34DX
R
[7:0]
ID[7:0]
0x10
CH0
[15:8] CH_EN0
SETUP_SEL0
Reserved
INPUT0[9:8]
0x8001
R/W
[7:0]
INPUT0[7:0]
0x11
CH1
[15:8] CH_EN1
SETUP_SEL1
Reserved
INPUT1[9:8]
0x0001
R/W
[7:0]
INPUT1[7:0]
0x12
CH2
[15:8] CH_EN2
SETUP_SEL2
Reserved
INPUT2[9:8]
0x0001
R/W
[7:0]
INPUT2[7:0]
0x13
CH3
[15:8] CH_EN3
SETUP_SEL3
Reserved
INPUT3[9:8]
0x0001
R/W
[7:0]
INPUT3[7:0]
0x14
CH4
[15:8] CH_EN4
SETUP_SEL4
Reserved
INPUT4[9:8]
0x0001
R/W
[7:0]
INPUT4[7:0]
0x15
CH5
[15:8] CH_EN5
SETUP_SEL5
Reserved
INPUT5[9:8]
0x0001
R/W
[7:0]
INPUT5[7:0]
0x16
CH6
[15:8] CH_EN6
SETUP_SEL6
Reserved
INPUT6[9:8]
0x0001
R/W
[7:0]
INPUT6[7:0]
0x17
CH7
[15:8] CH_EN7
SETUP_SEL7
Reserved
INPUT7[9:8]
0x0001
R/W
[7:0]
INPUT7[7:0]
0x18
CH8
[15:8] CH_EN8
SETUP_SEL8
Reserved
INPUT8[9:8]
0x0001
R/W
[7:0]
INPUT8[7:0]
0x19
CH9
[15:8] CH_EN9
SETUP_SEL9
Reserved
INPUT9[9:8]
0x0001
R/W
[7:0]
INPUT9[7:0]
0x1A
CH10
[15:8] CH_EN10
SETUP_SEL10
Reserved
INPUT10[9:8]
0x0001
R/W
[7:0]
Input10[7:0]
0x1B
CH11
[15:8] CH_EN11
SETUP_SEL11
Reserved
INPUT11[9:8]
0x0001
R/W
[7:0]
INPUT11[7:0]
0x1C
CH12
[15:8] CH_EN12
SETUP_SEL12
Reserved
INPUT12[9:8]
0x0001
R/W
[7:0]
INPUT12[7:0]
0x1D
CH13
[15:8] CH_EN13
SETUP_SEL13
Reserved
INPUT13[9:8]
0x0001
R/W
[7:0]
INPUT13[7:0]
0x1E
CH14
[15:8] CH_EN14
SETUP_SEL14
Reserved
INPUT14[9:8]
0x0001
R/W
[7:0]
INPUT14[7:0]
0x1F
CH15
[15:8] CH_EN15
SETUP_SEL15
Reserved
INPUT15[9:8]
0x0001
R/W
[7:0]
INPUT15[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com