Electronic Components Datasheet Search
  English  ▼

X  

AD4116BCPZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD4116BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116BCPZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD4116BCPZ Datasheet HTML 34Page - Analog Devices AD4116BCPZ Datasheet HTML 35Page - Analog Devices AD4116BCPZ Datasheet HTML 36Page - Analog Devices AD4116BCPZ Datasheet HTML 37Page - Analog Devices AD4116BCPZ Datasheet HTML 38Page - Analog Devices AD4116BCPZ Datasheet HTML 39Page - Analog Devices AD4116BCPZ Datasheet HTML 40Page - Analog Devices AD4116BCPZ Datasheet HTML 41Page - Analog Devices AD4116BCPZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
AD4116
Data Sheet
Rev. 0 | Page 38 of 59
SINGLE CONVERSION MODE
In single conversion mode, the AD4116 performs a single
conversion and is placed in standby mode after the conversion
is complete. The RDY output goes low to indicate the completion
of a conversion. When the data-word has been read from the
data register, the RDY output goes high. The data register can
be read several times, if required, even when the RDY output goes
high.
If several channels are enabled, the ADC automatically sequences
through the enabled channels and performs a conversion on
each channel. When the first conversion is started, the RDY
output goes high and remains high until a valid conversion is
available and CS is low. When the conversion is available, the
RDY output goes low. The ADC then selects the next channel and
begins a conversion. The user can read the present conversion
while the next conversion is being performed. When the next
conversion is complete, the data register is updated; therefore,
the user has a limited period in which to read the conversion.
When the ADC has performed a single conversion on each of
the selected channels, it returns to standby mode.
If the DATA_STAT bit in the interface mode register is set to 1, the
contents of the status register, along with the conversion, are
output each time the data register is read. The four LSBs of the
status register indicate the channel to which the conversion
corresponds.
DIN
SCLK
DOUT/RDY
CS
0x01
0x44
DATA
0x8010
Figure 59. Single Conversion Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com