Electronic Components Datasheet Search
  English  ▼

X  

AD4116BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD4116BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD4116BCPZ Datasheet HTML 21Page - Analog Devices AD4116BCPZ Datasheet HTML 22Page - Analog Devices AD4116BCPZ Datasheet HTML 23Page - Analog Devices AD4116BCPZ Datasheet HTML 24Page - Analog Devices AD4116BCPZ Datasheet HTML 25Page - Analog Devices AD4116BCPZ Datasheet HTML 26Page - Analog Devices AD4116BCPZ Datasheet HTML 27Page - Analog Devices AD4116BCPZ Datasheet HTML 28Page - Analog Devices AD4116BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
Data Sheet
AD4116
Rev. 0 | Page 25 of 59
ADC Setups
The AD4116 has eight independent setups. Each setup consists
of the following four registers:
•
Setup configuration registers
•
Filter configuration registers
•
Gain registers
•
Offset registers
For example, Setup 0 consists of Setup Configuration Register 0,
Filter Configuration Register 0, Gain Register 0, and Offset
Register 0. Figure 38 shows the grouping of these registers. The
setup is selectable from the channel registers (see the Channel
Configuration section), which allows each channel to be assigned
to one of eight separate setups. Table 14 through Table 17 show
the four registers that are associated with Setup 0. This
structure is repeated for Setup 1 to Setup 7.
Setup Configuration Registers
The setup configuration registers allow the user to select the output
coding of the ADC by selecting between bipolar mode and
unipolar mode. The user can select the reference source using
these registers. Three options are available: a reference connected
between the REF+ and REF− pins, the internal reference, or using
AVDD − AVSS. The input and reference buffers can also be
enabled or disabled using these registers.
Filter Configuration Registers
The filter configuration registers select which digital filter is
used at the output of the ADC modulator. The order of the
filter and the output data rate are selected by setting the bits in
these registers. For more information, see the Digital Filter
section.
SETUP CONFIGURATION
REGISTERS
FILTER CONFIGURATION
REGISTERS
OFFSET REGISTERS
GAIN REGISTERS*
SELECT PERIPHERAL
FUNCTIONS FOR
ADC CHANNEL
SELECT DIGITAL
FILTER TYPE
AND OUTPUT DATA RATE
INPUT BUFFERS
REFERENCE INPUT BUFFERS
REFERENCE SOURCE
125kSPS TO 2.5SPS
SINC5 + SINC1
SINC3
ENHANCED 50Hz/60Hz
SINC3 MAP
GAIN CORRECTION
OPTIONALLY
PROGRAMMED
PER SETUP AS REQUIRED
OFFSET CORRECTION
OPTIONALLY PROGRAMMED
PER SETUP AS REQUIRED
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
0x28
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
0x38
0x39
0x3A
0x3B
0x3C
0x3D
0x3E
0x3F
0x30
0x31
0x32
0x33
0x34
0x35
0x36
0x37
SETUPCON3
SETUPCON5
SETUPCON6
SETUPCON7
SETUPCON4
SETUPCON0
SETUPCON2
SETUPCON1
FILTCON3
FILTCON5
FILTCON6
FILTCON7
FILTCON4
FILTCON0
FILTCON2
FILTCON1
GAIN3
GAIN5
GAIN6
GAIN7
GAIN4
GAIN0
GAIN2
GAIN1
OFFSET3
OFFSET5
OFFSET6
OFFSET7
OFFSET4
OFFSET0
OFFSET2
OFFSET1
Figure 38. ADC Setup Register Grouping
Table 14. Setup Configuration Register 0
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x20
SETUPCON0 [15:8]
Reserved
BI_UNIPOLAR0 REFBUF0+ REFBUF0−
INBUF0
0x1000
RW
[7:0]
Reserved
Reserved
REF_SEL0
Reserved
Table 15. Filter Configuration Register 0
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x28
FILTCON0
[15:8] SINC3_MAP0
Reserved
ENHFILTEN0
ENHFILT0
0x0500
RW
[7:0]
Reserved
ORDER0
ODR0
Table 16. Gain Register 0
Reg.
Name
Bits
Bits[23:0]
Reset
RW
0x38
GAIN0
[23:0]
GAIN0[32:0]
0x5XXXX0 RW
Table 17. Offset Register 0
Reg.
Name
Bits
Bits[15:0]
Reset
RW
0x30
OFFSET0
[23:0]
OFFSET0[23:0]
0x800000 RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com