Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3757
Description  2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTC7840
9
Rev 0
For more information www.analog.com
PIN FUNCTIONS
RUN1 (Pin 9/Pin 6): Channel 1 Run Control Input. A
voltage above 1.22V on this pin turns on the Channel 1.
However, forcing this pin below 1.14V causes the Channel
1 to shut down. There is a 1.0µA pull-up current for this
pin. Once the Run pin rises above 1.22V, an additional
4.5µA pull-up current is added to the pin.
RUN2 (Pin 10/Pin 7): Channel 2 Run Control Input. A
voltage above 1.22V on this pin turns on the Channel 2.
However, forcing this pin below 1.14V causes the Channel
2 to shut down. There is a 1.0µA pull-up current for this
pin. Once the Run pin rises above 1.22V, an additional
4.5µA pull-up current is added to the pin.
INTVCC (Pin 25/Pin 22): Internal 3.8V LDO Output. The
low voltage analog and digital circuits are powered from
this voltage. Bypass this pin to SGND with 1nF low ESR
ceramic capacitor.
ILIM1 (Pin 26/Pin 23): Channel 1 Current Comparator’s
Sense Voltage Range Input Pin. There is a precise 10µA
current flowing out of this pin. A resistor to SGND can
set the voltage on this pin to program the maximum cur-
rent sense threshold to any voltage lower than 75mV.
Alternatively, a DC voltage which is lower than 0.5V can
be added to this pin to adjust the maximum current sense
threshold. Floating this pin makes the current compara-
tor’s maximum sense voltage be 75mV.
ILIM2 (Pin 16/Pin 13): Channel 2 Current Comparator’s
Sense Voltage Range Input Pin. There is a precise 10µA
current flowing out of this pin. A resistor to SGND can
set the voltage on this pin to program the maximum cur-
rent sense threshold to any voltage lower than 75mV.
Alternatively, a DC voltage which is lower than 0.5V can
be added to this pin to adjust the maximum current sense
threshold. Floating this pin makes the current compara-
tor’s maximum sense voltage be 75mV.
DMAX (Pin 4/Pin 1): Maximum Duty Cycle. This pin pro-
grams the maximum duty cycle. Floating this pin provides
84% duty cycle. Connecting this pin to INTVCC provides
75% duty cycle, while connecting this pin to SGND pro-
vides 96% duty cycle.
VFB1 (Pin 7/Pin 4): Channel 1 Error Amplifier Feedback
Input. This pin connects to the center tap of an external
resistor divider across the Channel 1 output.
VFB2 (Pin 12/Pin 9): Channel 2 Error Amplifier Feedback
Input. This pin connects to the center tap of an external
resistor divider across the Channel 2 output.
FREQ (Pin 5/Pin 2): Oscillator Frequency Control Input.
There is a precise 10µA current flowing out of this pin. A
resistor to ground sets a voltage which in turn programs
the frequency. Alternatively, this pin can be driven with a
DC voltage to vary the frequency of the internal oscillator.
GATE1 (Pin 21/Pin 18): Channel 1 Gate Drive Output. The
LTC7840 provides a 10V gate drive referred to PGND to
drive a high voltage MOSFET.
GATE2 (Pin 19/Pin 16): Channel 2 Gate Drive Output. The
LTC7840 provides a 10V gate drive referred to PGND to
drive a high voltage MOSFET.
DRVCC (Pin 22/Pin 19): Internal 10V LDO Output. The
gate drivers are powered from this voltage. Bypass this
pin to PGND with a minimum of 4.7µF low ESR ceramic
capacitor.
ITH1 (Pin 8/Pin 5): Channel 1 Current Control Threshold
and Error Amplifier Compensation Point. Channel 1’s cur-
rent comparator’s tripping threshold increases with this
control voltage.
ITH2 (Pin 13/Pin 10): Channel 2 Current Control Threshold
and Error Amplifier Compensation Point. Channel 2’s cur-
rent comparator’s tripping threshold increases with this
control voltage.
SGND (Pin 24/Pin 21 and Exposed Pad): Signal Ground
Pin. All small-signal components and compensation com-
ponents should connect to this ground.
PGND (Pin 20/Pin 17): Power Ground Pin. Connect
this pin closely to the sources of the bottom N-channel
MOSFETs and the negative terminals of the VIN and DRVCC
bypassing capacitors.
(TSSOP/QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com