Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3757
Description  2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices LT3757 Datasheet HTML 20Page - Analog Devices LT3757 Datasheet HTML 21Page - Analog Devices LT3757 Datasheet HTML 22Page - Analog Devices LT3757 Datasheet HTML 23Page - Analog Devices LT3757 Datasheet HTML 24Page - Analog Devices LT3757 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC7840
21
Rev 0
For more information www.analog.com
between the SS pin and SGND is discharged by a 1.25µA
current. When the voltage on SS pin reaches 0V, the ITH
pin is released and the controller retries to soft-start, as
described in the Shutdown and Start-Up section. The
hiccup mode is disabled during the soft-start period. To
realize the function of the hiccup mode, a minimum 0.1µF
soft-start capacitor has to be connected between the SS
pin and SGND. The sleep time can be estimated by:
1.5V
1.25µA
tSLEEP = CSS •
= 1.2 • CSS
Compared with the start-up time estimated in the
Shutdown and Start-Up section, the sleep time is roughly
10 times the start-up time.
If the overcurrent situation is removed continuously for
two or more switching periods before the 16 switching
period timer expires, the 16 switching period timer will
reset to zero and the output will soft recover by using the
internal soft-start, thus reducing output overshoot. In the
absence of this feature, the output capacitors would have
been charged at current limit, and in applications with
minimal output capacitance, this may have resulted in
output overshoot.
Figure 12.
2s/DIV
SS
5V/DIV
VOUT
50V/DIV
GATE
10V/DIV
ITH
2V/DIV
7840 F12
Hiccup Mode Overcurrent Protection and Recovery
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com