Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3757
Description  2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices LT3757 Datasheet HTML 20Page - Analog Devices LT3757 Datasheet HTML 21Page - Analog Devices LT3757 Datasheet HTML 22Page - Analog Devices LT3757 Datasheet HTML 23Page - Analog Devices LT3757 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LTC7840
20
Rev 0
For more information www.analog.com
OPERATION
The SENSE+ and SENSE– Pins
Since the LTC7840 contains leading edge blanking, an
external RC filter is not required for proper operation.
However, if an external filter is used, the filter components
should be placed close to the SENSE+ and SENSE– pins
on the IC, as shown in Figure 10. The positive and nega-
tive sense node traces should then run parallel to each
other to a Kelvin connection underneath the sense resis-
tor, as shown in Figure 11. Sensing current elsewhere on
the board can add parasitic inductance and capacitance
to the current sense element, degrading the information
at the sense pins and making the programmed current
limit unpredictable. Avoid the temptation to connect the
SENSE– line to the ground plane using a PCB via; this
could result in unpredictable behavior.
The sense resistor should be connected to the source
of the power MOSFET and the ground node using short,
wide PCB traces, as shown in Figure 11. Ideally, the bot-
tom terminal of the sense resistors will be immediately
adjacent to the negative terminal of the output capacitor,
since this path is a part of the high di/dt loop formed by
the switch, boost diode, output capacitor and sense resis-
tor. Placement of the inductors is less critical, since the
current in the inductors is a triangle waveform.
Figure 10.
SENSE–
SENSE+
LTC7840
GATE
VOUT
RSENSE
7840 F10
FILTER COMPONENTS
PLACED NEAR
SENSE PINS
VIN
PGND
DRVCC
VIN
Proper Current Sense Filter Component Placement
Figure 11.
MOSFET SOURCE
TO SENSE
FILTER NEXT
TO CONTROLLER
RSENSE
GND
7840 F11
Connecting the SENSE+ and SENSE– Traces
to the Sense Resistor Using a Kelvin Connection
Output Overvoltage Protection
An overvoltage comparator, OV, guards against transient
overshoots (>10%) as well as other more serious condi-
tions that may overvoltage the output. In such cases, the
external power MOSFET is turned off until the overvoltage
condition is cleared.
Overcurrent Protection
(ILIM1, ILIM2 Pins and Hiccup Mode)
The LTC7840 has ILIM1 and ILIM2 pins to set the maxi-
mum inductor current limit of each channel respectively,
as described in the ILIM1 and ILIM2 pins function. The
voltage on each ILIM pin is used to generate the internal
ITH clamp voltage. Along with the increase of load cur-
rent, ITH voltage will rise to allow higher inductor current
flowing to the load. If the load current keeps increasing,
the ITH voltage will finally reach the clamp voltage and
the inductor current cannot go up any more. This situa-
tion is thought as an overcurrent event by the controller.
If this event lasts for 16 continuous switching periods,
the controller will enter hiccup mode. The ITH voltage is
pulled down to GND and the external power MOSFET is
turned off. The inductor current will gradually reduce to
zero. At this moment, the soft-start capacitor connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com