Electronic Components Datasheet Search
  English  ▼

X  

EM65571 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM65571
Description  130COM / 128SEG 65K Color STN LCD Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65571 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM65571 Datasheet HTML 17Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 18Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 19Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 20Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 21Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 22Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 23Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 24Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
EM65571
130COM/128SEG 65K Color STN LCD Driver
Product Specification (V1.0) 08.04.2005
• 15
(This specification is subject to change without further notice)
6.3 System Bus Pins
Symbol
I/O
Description
RESB
I
Reset input pin.
When RESB is “L”, initialization is executed.
D0/SCL
D1/SDA
D2
D3/SMODE
D4.SPOL
D5-D7
I/O
Data bus / Signal interface related pins.
When parallel interface is selected (P/S = “H”), the D7-D0 are 8-bit
bi-directional data busses, connected to the MPU data bus.
*When serial interface is selected (P/S = “L”), D0 and D1 (SCL, SDA)
are used as serial interface pins.
SCL: Input pin for data transfer clock
SDA: Serial data input pin
SMODE: Serial transfer mode select pin
SPOL: RS pole select pin when 3-wires serial interface is selected.
SDA data is latched at the rising edge of SCL.
Internal serial/parallel conversion into 8-bit data occurs at the rising
edge of the 8th clock of SCL. After completing data transfer, or when
making no access, be sure to set SCL to “L”.
D8-D15
I/O
8-bit bi-directional bus. Connected to MPU data bus.
Used as a data bus for the upper 8 pins in the 16-bit access mode.
CSB
I
Chip Select input pin.
CSB = “L”: accepts access from the MPU
CSB = “H”: denies access from the MPU
RS
I
RAM/Register select input pin.
RS = “0”: D7-D0 are display RAM data
RS = “1”: D7-D0 are control register data
RDB
(E)
I
Read/Write control pin.
Select 80-family MPU type (M86 = “L”)
The RDB is a data read signal. When RDB is “L”, D7-D0 are in an
output status.
Select 68-family MPU type (M86 = “H”)
R/WB = “H”: When E is “H”, D7-D0 are in an output status.
R/WB = “L”: The data on D7-D0 are latched at the falling edge of the E
signal.
WRB
(R/WB)
I
Read/Write control pin.
Select 80-family MPU type (M86 = “L”)
The WRB is a data write signal. The data on D7-D0 are latched at the
rising edge of the WRB signal.
Select 68-family MPU type (M86 = “H”)
Read/Write control input pin.
R/W = “H”: Read
R/W = “L”: Write
M86
I
MPU interface type selecting input pin.
M86 = “H”: 68-family interface
M86 = “L”: 80-family interface
Fixed at either “H” or “L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com